Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFA4N60P3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFA4N60P3
Description  Polar3 TM HiPerFETTM Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA4N60P3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFA4N60P3 Datasheet HTML 1Page - IXYS Corporation IXFA4N60P3 Datasheet HTML 2Page - IXYS Corporation IXFA4N60P3 Datasheet HTML 3Page - IXYS Corporation IXFA4N60P3 Datasheet HTML 4Page - IXYS Corporation IXFA4N60P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFY4N60P3 IXFA4N60P3
IXFP4N60P3
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 20V, ID = 0.5 • ID25, Note 1
2.2
3.7
S
R
Gi
Gate Input Resistance
6.0
C
iss
365
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
46
pF
C
rss
3
pF
t
d(on)
15
ns
t
r
24
ns
t
d(off)
24
ns
t
f
23
ns
Q
g(on)
6.9
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
1.7
nC
Q
gd
2.8
nC
R
thJC
1.10
C/W
R
thCS
TO-220
0.50
C/W
Note 1. Pulse test, t
 300s, duty cycle, d 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 30 (External)
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V, Note1
4
A
I
SM
Repetitive, Pulse Width Limited by T
JM
16
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.4
V
t
rr
250
ns
Q
RM
0.35
C
I
RM
2.15
A
I
F = 4A, -di/dt = 25A/μs
V
R = 100V
Pins: 1 - Gate
2 - Drain
3 - Source
TO-220 Outline
TO-252 Outline
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19 2.38
0.086
0.094
A1
0.89 1.14
0.035
0.045
A2
0 0.13
0
0.005
b
0.64 0.89
0.025
0.035
b1
0.76 1.14
0.030
0.045
b2
5.21 5.46
0.205
0.215
c
0.46 0.58
0.018
0.023
c1
0.46 0.58
0.018
0.023
D
5.97 6.22
0.235
0.245
D1
4.32 5.21
0.170
0.205
E
6.35 6.73
0.250
0.265
E1
4.32 5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51 1.02
0.020
0.040
L1
0.64 1.02
0.025
0.040
L2
0.89 1.27
0.035
0.050
L3
2.54 2.92
0.100
0.115
1. Gate
2. Drain
3. Source
4. Drain
Bottom Side
PRELIMANARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
TO-263 Outline
1 = Gate
2 = Drain
3 = Source
4 = Drain
Bottom Side



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com