Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFA4N60P3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFA4N60P3
Description  Polar3 TM HiPerFETTM Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA4N60P3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFA4N60P3 Datasheet HTML 1Page - IXYS Corporation IXFA4N60P3 Datasheet HTML 2Page - IXYS Corporation IXFA4N60P3 Datasheet HTML 3Page - IXYS Corporation IXFA4N60P3 Datasheet HTML 4Page - IXYS Corporation IXFA4N60P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
600
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
600
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C
= 25
C4
A
I
DM
T
C
= 25
C, Pulse Width Limited by T
JM
8A
I
A
T
C
= 25
C2
A
E
AS
T
C
= 25
C
200
mJ
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150C
35
V/ns
P
D
T
C
= 25
C
114
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-252
0.35
g
TO-263
2.50
g
TO-220
3.00
g
DS100427A(11/13)
Polar3 TM HiPerFETTM
Power MOSFETs
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
IXFY4N60P3
IXFA4N60P3
IXFP4N60P3
V
DSS
= 600V
I
D25
= 4A
R
DS(on)
 2.2
Features
International Standard Packages
Fast Intrinsic Rectifier
Avalanche Rated
Low R
DS(ON) and QG
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
600
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.0
V
I
GSS
V
GS = 30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
10
A
T
J = 125C
100 μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
2.2
G = Gate
D
= Drain
S = Source
Tab = Drain
G D
S
TO-220 (IXFP)
D (Tab)
TO-263 (IXFA)
G
S
D (Tab)
TO-252 (IXFY)
G
S
D (Tab)
Preliminary Technical Information


Similar Part No. - IXFA4N60P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA4N60P3 IXYS-IXFA4N60P3 Datasheet
328Kb / 7P
Power MOSFET
logo
Inchange Semiconductor ...
IXFA4N60P3 ISC-IXFA4N60P3 Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFA4N60P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH90N20Q IXYS-IXFH90N20Q Datasheet
100Kb / 2P
HiPerFETTM Power MOSFETs Q-CLASS
IXFR44N60 IXYS-IXFR44N60 Datasheet
34Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS247
IXFR120N20 IXYS-IXFR120N20 Datasheet
34Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS247
IXFH80N085 IXYS-IXFH80N085 Datasheet
54Kb / 2P
HiPerFETTM Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
162Kb / 4P
HiPerFETTM Power MOSFETs
IXFR180N06 IXYS-IXFR180N06 Datasheet
82Kb / 2P
HiPerFETTM Power MOSFETs
IXFH70N15 IXYS-IXFH70N15 Datasheet
55Kb / 2P
HiPerFETTM Power MOSFETs
IXFK24N100 IXYS-IXFK24N100_07 Datasheet
137Kb / 4P
HiPerFETTM Power MOSFETs
IXFP22N60P3 IXYS-IXFP22N60P3 Datasheet
147Kb / 5P
Polar3 HiperFET Power MOSFETs
IXFQ28N60P3 IXYS-IXFQ28N60P3 Datasheet
136Kb / 5P
Polar3 HiperFET Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com