Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTF03N400 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTF03N400
Description  High Voltage Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF03N400 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTF03N400 Datasheet HTML 1Page - IXYS Corporation IXTF03N400 Datasheet HTML 2Page - IXYS Corporation IXTF03N400 Datasheet HTML 3Page - IXYS Corporation IXTF03N400 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTF03N400
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 50V, ID = 100mA, Note 1
110
180
mS
C
iss
435
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
19
pF
C
rss
6
pF
t
d(on)
17
ns
t
r
16
ns
t
d(off)
86
ns
t
f
58
ns
Q
g(on)
16.3
nC
Q
gs
V
GS = 10V, VDS = 1kV, ID = 0.5 • ID25
1.9
nC
Q
gd
8.8
nC
R
thJC
1.78
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
300 mA
I
SM
Repetitive, Pulse Width Limited by T
JM
1.2
A
V
SD
I
F = 300mA, VGS = 0V, Note 1
3.0
V
t
rr
I
F = 1A, -di/dt = 100A/μs, VR = 200V
2.8
μs
Resistive Switching Times
V
GS = 10V, VDS = 250V, ID = 150mA
R
G = 50Ω (External)
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
ISOPLUS i4-PakTM (HV) Outline
PIN 1 = Gate
PIN 2 = Source
PIN 3 = Drain
TAP 4 = Electically Isolated 4000V
Pin 1 = Gate
Pin 2 = Source
Pin 3 = Drain
Tab 4 = Isolated
Notes: 1. Pulse test, t < 300μs, duty cycle, d < 2%.
2. Device must be heatsunk for high-temperature leakage current
measurements to avoid thermal runaway.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com