Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTF03N400 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTF03N400
Description  High Voltage Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF03N400 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTF03N400 Datasheet HTML 1Page - IXYS Corporation IXTF03N400 Datasheet HTML 2Page - IXYS Corporation IXTF03N400 Datasheet HTML 3Page - IXYS Corporation IXTF03N400 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTF03N400
IXYS REF: T_03N400(3P)10-27-09
Fig. 12. Maximum Transient Thermal Impedance
0.1
1.0
10.0
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 12. Maximum Transient Thermal Impedance
adad
3.0
Fig. 7. Input Admittance
0
50
100
150
200
250
300
350
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
ID - MilliAmperes
TJ = - 40ºC
125ºC
25ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
0
100
200
300
400
500
600
700
800
900
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
101214
1618
QG - NanoCoulombs
VDS = 1000V
I D = 150mA
I G = 1mA
Fig. 11. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com