Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7320 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZLED7320
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7320 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZLED7320 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ZLED7320
High Current 40V LED Driver with Internal Switch
Data Sheet
August 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 27
Rs=0.30Ω
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
5
10
15
20
25
30
35
40
Vin(V)
1LED
3LED
7LED
10LED
Rs=0.15Ω
0.6
0.61
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
5
10
15
20
25
30
35
40
Vin(V)
1LED
3LED
7LED
10LED
Figure 1.5
Efficiency vs. Input Supply Voltage (VIN = 6 to 40 V)
Per Number of LEDs (Rs=0.30 , L1=47µH)
Figure 1.6
Output Current Variation vs. Input Supply Voltage (VIN = 6 to 40 V)
§ Per Number of LEDs
(Rs=0.15 , L1=47µH)
§ Minimum Vin depends on number of LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com