Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7320 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ZLED7320
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7320 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ZLED7320 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ZLED7320
High Current 40V LED Driver with Internal Switch
Data Sheet
August 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
15 of 27
Vin
I SENSE
LX
GND
ZLED7X20
D1
LED
String
Vs = 6 to 40 VDC
C3
Rs
L1
C1
C2
0.1 F
ADJ
3
Application Circuit Design
3.1
Applications
The ZLED7x20 is designed for applications requiring features such as high-speed switching, variable brightness
control, operation with voltages up to 40V, high efficiency, or protection from over-temperature, or open LED
circuit conditions.
Typical applications include MR16/MR11 LED spot lights, LED street lights, parabolic aluminized reflector (PAR)
LED lights, and other general purpose industrial and consumer LED applications.
Figure 3.1, Figure 3.2, Figure 3.3, and Figure 3.4 demonstrate basic application circuits for the four options for
controlling output current described in section 2.
Figure 3.1
Basic ZLED7x20 Application Circuit with Output Current Determined only by Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com