Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31010 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSC31010
Description  RBicLite??Low-Cost Sensor Signal Conditioner
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31010 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSC31010 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
ZSC31010
RBicLite™ Low-Cost Sensor Signal Conditioner
Data Sheet
May 25, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.8
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
21 of 46
3
Functional Description
3.1.
General Working Mode
The command/data transfer takes place via the one-wire Sig™ pin, using the ZACwire™ serial communication
protocol. After power-on, the IC waits for 6 ms (i.e., the command window) for the Start_CM command. Without
this command, the Normal Operation Mode (NOM) starts. In this mode, raw bridge values are converted, and the
corrected values are presented on the output in analog or digital format (depending on the configuration stored in
EEPROM).
Command Mode (CM) can only be entered during the 6 ms command window after power-on. If the IC receives
the Start_CM command during the command window, it remains in the Command Mode. The CM allows changing
to one of the other modes via command. After command Start_RM, the IC is in the Raw Mode (RM). Without
correction, the raw values are transmitted to the digital output in a predefined order. The RM can only be stopped
by power-off. Raw Mode is used by the calibration software for collection of raw bridge and temperature data, so
the correction coefficients can be calculated.
Figure 3.1
General Working Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com