Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31010 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSC31010
Description  RBicLite??Low-Cost Sensor Signal Conditioner
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31010 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSC31010 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
ZSC31010
RBicLite™ Low-Cost Sensor Signal Conditioner
Data Sheet
May 25, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.8
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 46
1.3.
Electrical Parameters
1.3.1.
Supply / Regulation Characteristics
Table 1.3
Supply / Regulation Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Supply Voltage
VDD
2.7
5.0
5.5
V
IDD
0.25
At minimum update rate
Supply Current (varies with
update rate and output mode)
1.0
1.2
mA
At maximum update rate
TCREG
35
Tem. -10°C to 120°C
Temperature Coefficient –
Regulator (worst case) *
100
ppm/K
Temp. < -10°C and > 120°C
PSRR
60
dB
DC < 100 Hz (JFET regulation loop
using mmbf4392 and 0.1 µF
decoupling cap)
Power Supply Rejection Ratio
*
45
dB
AC < 100 kHz (JFET regulation loop
using mmbf4392 and 0.1
F
decoupling cap)
Power-On Reset Level
POR
1.4
2.6
V
1.3.2.
Analog Front-End (AFE) Characteristics
Table 1.4
Parameters for Analog Front-End (AFE)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Leakage Current Pin VBP,VBN
IIN_LEAK
10
nA
1.3.3.
EEPROM Parameters
Table 1.5
EEPROM Parameters
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Number Write Cycles
nWRI_EEP
At 150
C
At 85
C
 
100
100k
Cycles
Data Retention
tWRI_EEP
At 100
C
10
Years
* No verification in mass production; parameter is guaranteed by design and/or quality observation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com