Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FLC-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZSC31150FLC-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FLC-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZSC31150FLC-R Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
Brief Description
The ZSC31150 is a CMOS integrated circuit for
highly-accurate amplification and sensor-specific
correction of bridge sensor signals. Digital
compensation
of
sensor
offset,
sensitivity,
temperature
drift,
and
non-linearity
is
accomplished
via
an
internal
16-bit
RISC
microcontroller running a correction algorithm, with
calibration coefficients stored in an EEPROM.
The ZSC31150 is adjustable to nearly all bridge
sensor types. Measured values are provided at the
analog voltage output or at the digital ZACwire
TM
and I²C
TM interface. The digital interface can be
used for a simple PC-controlled calibration
procedure, in order to program a set of calibration
coefficients into an on-chip EEPROM. Thus, a
specific sensor and a ZSC31150 are mated
digitally: fast, precise, and without the cost
overhead associated with trimming by external
devices or a laser.
Features
Digital compensation of sensor offset,
sensitivity, temperature drift, and non-linearity
Adjustable to nearly all bridge sensor types,
analog gain of 420, overall gain up to 2000
Output options: ratiometric analog voltage
output (5 - 95% in maximum, 12.4 bit
resolution) or ZACwire
TM (digital one-wire-
interface)
Temperature compensation: internal or external
diode, bridge resistance, thermistor
Sensor biasing by voltage or constant current
Sample rate up to 7.8 kHz
High voltage protection up to 33 V
Supply current: max. 5.5mA
Reverse polarity and short circuit protection
Wide operation temperature up to -40…+150°C
Traceability by user-defined EEPROM entries
Several safety and diagnostic functions
Benefits
No external trimming components required
Only a few external protection devices needed
PC-controlled configuration and One-Shot
calibration via I²C
TM or ZACwireTM interface:
Simple, cost efficient, quick, and precise
End-of-Line calibration via I²C
TM or ZACwireTM
interface
High accuracy (0.25% FSO @ -25 to 85°C;
0.5% FSO @ -40 to 125°C)
The ZSC31150 is optimized for automotive
environments by its special protection circuitry
and excellent electromagnetic compatibility
Available Support
Evaluation Kits
Application Notes
Mass calibration setup
Physical Characteristics
Supply voltage 4.5 to 5.5 V
Operation temperature: -40°C to 125°C
(-40°C to +150°C derated, depending on
product version)
Available in SSOP
14 or as die
ZSC31150 Application Circuit
GND
OUT
VCC
Sensor
Module
ZSC
31150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com