Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FLC-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZSC31150FLC-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FLC-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FLC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31150FLC-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
6 of 24
1
Electrical Characteristics
1.1.
Absolute Maximum Ratings
Parameters apply in operation temperature range and without time limitations.
Table 1.1
Absolute Maximum Ratings
No.
Parameter
Symbol
Conditions
Min
Max
Unit
1.1.1
Supply Voltage
1
VDDEAMR
To VSSE, refer to chapter
3 for application circuits
-33
33
VDC
1.1.2
Potential at pin AOUT
1
VOUT
Related to VSSE
-33
33
VDC
1.1.3
Analog Supply Voltage
1
VDDAAMR
Related to VSSA,
VDDE - VDDA < 0.35 V
-0.3
6.5
VDC
1.1.4
Voltage at all analog and
digital IO – Pins
VA_IO
VD_IO
Related to VSSA
-0.3
VDDA + 0.3
VDC
1.1.5
Storage temperature
TSTG
-55
150
C
1.2.
Operating Conditions
All voltages are related to VSSA.
Table 1.2
Operating Conditions
Parameter
No.
Symbol
Conditions
Min
Typ
Max
Unit
1.2.1
Ambient temperature
2
TAMB
TQE
-40
150
C
1.2.2.1
Ambient temperature
advanced performance
4
TAMB_TQA
TQA
-40
125
C
1.2.2.2
Ambient temperature
advanced performance
4
TAMB_TQI
TQI
-25
85
C
1.2.3
Supply Voltage
VDDE
4.5
5.0
5.5
VDC
1.2.4
Bridge Resistance
3, 4
RBR_V
Bridge Voltage Mode
2
25
k
1.2.5
Bridge Resistance
3, 4
RBR_C
Bridge Current Excitation,
note IBR_MAX
10
k
1.2.6
Resistor RIBR
4
RIBR
IBR = VDDA / (16 * RIBR)
0.07 *
RBR
k
1.2.7
Maximum Bridge Current
IBR_MAX
2
mA
1.2.8
Maximum Bridge Top
Voltage
VBR_TOP
(
15/16 * VDDA) - 0.3 V
1.2.9
TC Current Reference
Resistor
4
TC RIBR
Behavior influences
generated current
50
ppm/K
1
Refer to the 'ZSC31150 High Voltage Protection Description' for specification and detailed conditions
2
Notice temperature profile description in the 'ZSC31150 Dice Package Document' for operation in temperature range > 125 °C
3
Symmetric behavior and identical electrical properties (especially with regard to the low pass characteristic) of both sensor inputs of
the ZSC31150 are required. Unsymmetrical conditions of the sensor and/or external components connected to the sensor input pins of
ZSC31150 can generate a failure in signal operation
4
No measurement in mass production, parameter is guaranteed by design and/or quality observation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com