Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FAD-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ZSC31150FAD-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FAD-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FAD-R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
12 of 24
2.3.2.
Offset Compensation
The ZSC31150 supports two methods of sensor offset compensation (zero shift):
Digital offset correction
XZC - Analog compensation for large offset values (up to in maximum approximately 300% of span,
depending on gain adjustment)
Digital sensor offset correction will be processed during the digital signal correction/conditioning by the
calibration microcontroller (CMC). Analog sensor offset pre-compensation will be needed for compensation of
large offset values, which would overdrive the analog signal path by uncompensated gaining. For analog
sensor offset pre-compensation, a compensation voltage will be added in the analog pre-gaining signal path
(coarse offset removal). The analog offset compensation in the AFE can be adjusted by 6 EEPROM bits.
Table 2.2
Analog Zero Point Shift Ranges (XZC)
PGA gain
aIN
Max. Span VIN_SP
[mV/V]
Offset shift per step
in % of full span
Approx. maximum
offset shift [mV/V]
Approx. maximum shift
[% VIN_SP] (@ ± 31)
420
1.8
12.5 %
7.8
388 %
280
2.7
7.6 %
7.1
237 %
210
3.6
12.5 %
15.5
388 %
140
5.4
7.6 %
14.2
237 %
105
7.1
12,5 %
31
388 %
70
10.7
7.6 %
28
237 %
52.5
14.3
12,5 %
32
388 %
35
21.4
7.6 %
57
237 %
26.3
28.5
5.2 %
52
161 %
14
53.75
12.5 %
194
388 %
9.3
80
7.6 %
189
237 %
7
107
5.2 %
161
161 %
2.8
267
0.83 %
72
26 %
2.3.3.
Measurement Cycle
The Multiplexer selects, depending on EEPROM settings, the following inputs in a certain sequence.
Temperature measured by external diode or thermistor, internal pn-junction or bridge
Internal offset of the input channel (VOFF)
Pre-amplified bridge sensor signal
The complete measurement cycle is controlled by the CMC. The cycle diagram at Figure 2.2 shows its
principle structure.
The EEPROM adjustable parameters are:
n=<1,31>: Pressure measurement count
After power on the start routine is called, that contains all needed measurements once.
Remark:
The tasks “CMV”, “SSC/SCC+” and “SSC/SCC-“ are contained independent from EEPROM
configuration always in every cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com