Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FAD-R Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZSC31150FAD-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FAD-R Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FAD-R Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSC31150FAD-R Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
13 of 24
Figure 2.2:
Measurement Cycle
2.3.4.
Analog-to-Digital Converter
The ADC is an integrating AD-Converter in full differential switched capacitor technique.
Programmable ADC-resolutions are rADC=<13, 14> and with segmentation <15, 16> bit.
It can be used as first or second order converter. In the first order mode it is inherently monotone and
insensitive against short and long term instability of the clock frequency. The conversion cycle time depends
on the desired resolution and can be roughly calculated by:
tCYC_1 = 2
r / 2 / f
CLK
In the second order mode two conversions are stacked with the advantage of much shorter conversion cycle
time and the drawback of a lower noise immunity caused by the shorter signal integration period. The
conversion cycle time at this mode is roughly calculated by:
tCYC_2 = 2
(r+3)/2 / 2 / f
CLK
The calculation formulas give an overview about conversion time for one AD-conversion. Refer Calculation
sheet 'ZSC31150 Bandwidth Calculation Sheet' for detailed calculation of sampling time and bandwidth.
The result of the AD conversion is a relative counter result corresponding to the following equation:
ZADC = 2
r * (V
ADC_DIFF / VADC_REF - RSADC)
ZADC:
number of counts (result of the conversion)
r:
adjusted resolution in bit
VADC/REF_DIFF:
differential input/reference voltage of ADC
RSADC:
digital ADC Range Shift (RSADC =
1/
16,
1/
8,
1/
4,
1/
2, controlled by the EEPROM content)
With the RSADC value a sensor input signal can be shifted in the optimal input range of the ADC.
Start routine
1
Temperature Auto Zero
n
Pressure measurement
1
Temp measurement
n
Pressure measurement
1
Pressure auto zero
n
Pressure measurement
1
CMV
n
Pressure measurement
1
SSC/SCC+
n
Pressure measurement
1
SSC/SCC-
n
Pressure measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com