Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FED-R Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ZSC31150FED-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FED-R Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FED-R Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
14 of 24
Table 2.3:
Analog Output Resolution Versus Sample Rate
ADC
Adjustment
Approximated Output
Resolution
15
Sample Rate
fCON
16
Averaged
Bandwidth @
Order
Digital
Analog
fCLK=3MHz
fCLK=3MHz
fCLK=4MHz
rADC
fCLK=4MHz
OADC
[Bit]
[Bit]
[Bit]
[Hz]
[Hz]
[Hz]
[Hz]
13
13
12
345
460
130
172
14
14
12
178
237
67
89
Remark:
ADCs reference voltage ADCVREF is defined by the potential between <VBR_T> and <VBR_B> (or
<VDDA> to <VSSA>, if CFGAPP:BREF=1). The theoretically input range ADCRANGE_INP of the ADC
is equivalent to ADCs reference voltage.
In practice ADCs input range should be used in maximum from 10% to 90% of ADCRANGE_INP - a necessary
condition for abiding specified accuracy, stability and nonlinearity parameters of AFE. This condition is also
valid for whole temperature range and all applicable sensor tolerances. Inside of ZSC31150 is no failsafe task
implemented, which verifies abiding of this condition.
2.4.
Temperature Measurement
The ZSC31150 supports four different methods for temperature data acquiring needed for calibration of the
sensor signal in temperature range. Temperature data can be acquired using:
an internal pn-junction temperature sensor,
an external pn-junction temperature sensor connected to sensor top potential (VBRTOP),
an external resistive half bridge temperature sensor and
the temperature coefficient of the sensor bridge at bridge current excitation.
Refer 'ZSC31150 Functional Description' for a detailed explanation of temperature sensor adaptation and
adjustment.
15
ADC resolution should be one bit higher then applied output resolution, if AFE gain is adjusted in such manner, that input range is
used more than 50%. Otherwise ADC resolution should be more than one bit higher than applied output resolution.
16
The sampling rate (AD conversion time) is only a part of the whole cycle, refer “ZSC31150 bandwidth calculation sheet” for detailed
information
15
14
12
90
120
34
45
1
16
14
12
45
61
17
23
13
13
12
5859
7813
2203
2937
14
14
12
3906
5208
1469
1958
15
14
12
2930
3906
1101
1468
2
16
14
12
1953
2604
734
979



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com