Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FED-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZSC31150FED-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FED-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FED-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31150FED-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
7 of 24
1.3.
Electrical Parameters
All parameter values are valid on behalf on in chapter 1.2 specified operating conditions (special definitions
excluded). All Voltages related to VSSA.
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.1. Supply Current and System Operation Conditions
1.3.1.1
Supply current
TADV
Without bridge and load
current, fCLK  3 MHz
5.5
mA
1.3.1.2
Clock frequency
TAMB_TQA
Guaranteed adjustment
range
2
1
3
4
1
MHz
1.3.2. Analog Front-End (AFE) Characteristics
1.3.2.1
Input Span
VIN_SP
Analog gain: 420 to 2.8
1
275
mV/V
1.3.2.2
Analog Offset
Compensation Range
Depends on gain adjust,
refer to chapter 2.3.2
-300
300
% VIN_SP
1.3.2.3
Parasitic differential input
offset current
1
IIN_OFF
Within TAMB;
Within TAMB_TQI
-10
-2
10
2
nA
nA
1.3.2.4
Common mode input
range
VIN_CM
Depends on gain adjust,
no XZC, refer to chapter
2.3.1
0.29 *
VDDA
0.65 *
VDDA
V
1.3.3. Temperature Measurement (refer chapter 2.4)
1.3.3.1
External temperature
diode channel gain
ATSED
300
1300
ppm FS
/ (mV/V)
1.3.3.2
External temperature
diode bias current
ITSE
6
10
20
A
1.3.3.3
External temperature
diode input range
1
0
1.5
V
1.3.3.4
External temperature
resistor channel gain
ATSER
1200
3500
ppm FS
/ (mV/V)
1.3.3.5
External temperature
resistor / input voltage
range
1
VTSER
0
600
mV/V
1.3.3.6
Internal temperature diode
sensitivity
STTSI
raw values – without
conditioning
700
2700
ppm FS
/ K
1.3.4. AD-Conversion
1.3.4.1
A/D Resolution
1
rADC
13
16
Bit
1.3.4.2
DNL
1
DNLADC
0.95
LSB
1.3.4.3
INL TQA
1
INLADC
4
LSB
1.3.4.4
INL TQE
INLADC
rADC =13Bit, fCLK=3MHz,
best fit, 2nd order,
complete AFE, 1.3.4.5
5
LSB
1.3.4.5
ADC Input Range
Range
10
90
%VDDA
1
No measurement in mass production, parameter is guaranteed by design and/or quality observation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com