Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV21 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV21
Description  FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV21 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV21 Datasheet HTML 1Page - Diodes Incorporated BAV21 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S22006 Rev. H-2
1 of 2
BAV20 / BAV21
BAV20 / BAV21
FAST SWITCHING DIODE
Features
·
Case: DO-35, Glass
·
Leads: Solderable per MlL-STD-202,
Method 208
·
Marking: Cathode Band and Type Number
·
Weight: 0.13 grams (approx.)
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 8.0mm.
Mechanical Data
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Package for High Reliability
·
Planar Die Construction
·
Low Reverse Leakage Current
·
Also available in Surface Mount Package
(BAV20W and BAV21W)
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
—
B
—
4.00
C
—
0.60
D
—
2.00
All Dimensions in mm
Characteristic
Symbol
BAV20
BAV21
Unit
Repetitive Peak Reverse Voltage
VRRM
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
150
200
V
RMS Reverse Voltage
VR(RMS)
106
141
V
Forward Continuous Current (Note 1)
IFM
250
mA
Average Rectified Output Current (Note 1)
I0
200
mA
Forward Surge Current
@ t = 1.0s
IFSM
1.0
A
Repetitive Peak Forward Current (Note 1)
IFRM
625
mA
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
300
K/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +175
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Maximum Forward Voltage
VFM
—
—
1.0
V
IF = 100mA
Maximum Peak Reverse Current
BAV20
BAV20
BAV21
BAV21
IR
——
100
15
100
15
nA
mA
nA
mA
VR = 150V
VR = 150V, Tj = 100
°C
VR = 200V
VR = 200V, Tj = 100
°C
Dynamic Forward Resistance
rf
—
5.0
—
W
IF = 10mA
Junction Capacitance
Cj
—
1.5
—
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
—
—
50
ns
IF = IR = 30mA to IR = 3.0mA;
RL = 100
W


Similar Part No. - BAV21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV21 PHILIPS-BAV21 Datasheet
54Kb / 12P
General purpose diodes
1999 May 25
logo
Vishay Siliconix
BAV21 VISHAY-BAV21 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV21 FAIRCHILD-BAV21 Datasheet
36Kb / 1P
General Purpose Diodes
BAV21 FAIRCHILD-BAV21 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
General Semiconductor
BAV21 GE-BAV21 Datasheet
142Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV21

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
Fast Switching Diode
logo
Infineon Technologies A...
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E120 INFINEON-IDP30E120_09 Datasheet
665Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
Fast switching diode
Edition 2.1, 09.03.2010
SIDC112D170H INFINEON-SIDC112D170H Datasheet
112Kb / 4P
Fast switching diode
Edition 0.9, 22.02.2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com