Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV21 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV21
Description  FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV21 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV21 Datasheet HTML 1Page - Diodes Incorporated BAV21 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S22006 Rev. H-2
2 of 2
BAV20 / BAV21
1000
100
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
V INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F,
T = 100 C
j
°
T = 25 C
j
°
0
30
60
90
120
150
0
0.1
0.2
0.3
T , AMBIENT TEMPERATURE ( C)
Fig. 2 Forward Current Derating
A
°
DC Current IF
Current (rectif.) IO
(See Note 1)
0
100
200
T , AMBIENT TEMPERATURE (ºC)
Fig. 3. Power Dissipation Derating
A
0
100
200
300
400
500
(See Note 1)
T = 25 °C
j
V REVERSE VOLTAGE (V)
Fig. 6 Typical Junction Capacitance vs Reverse Voltage
R,
0.1
100
10
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
10
100
10
100
1
I , FORWARD CURRENT (mA)
Fig. 5 Dynamic Forward Resistance vs Forward Current
F
1000
100
10
1
0
200
100
0
Reverse Voltage
BAV20 V = 150V
BAV21 V = 200V
R
R
T JUNCTION TEMPERATURE ( C)
Fig. 4 Relative Reverse Current vs Junction Temperature
J,
°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com