Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM9015 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSPM9015
Description  Ultra-Compact, High-Performance, High-Frequency DrMOS Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM9015 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSPM9015 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ZSPM9015
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
Data Sheet
April 26, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
21 of 23
5
Circuit Board Layout Considerations
Figure 5.1 provides an example of a proper layout for the ZSPM9015 and critical components. All of the high-
current paths, such as the VIN, VSWH, VOUT, and GND copper traces, should be short and wide for low inductance
and resistance. This technique achieves a more stable and evenly distributed current flow, along with enhanced
heat radiation and system performance.
The following guidelines are recommendations for the printed circuit board (PCB) designer:
1.
Input ceramic bypass capacitors must be placed close to the VIN and PGND pins. This helps reduce the high-
current power loop inductance and the input current ripple induced by the power MOSFET switching
operation.
2.
The VSWH copper trace serves two purposes. In addition to being the high-frequency current path from the
DrMOS package to the output inductor, it also serves as a heat sink for the low-side MOSFET in the DrMOS
package. The trace should be short and wide enough to present a low-impedance path for the high-
frequency, high-current flow between the DrMOS and inductor to minimize losses and DrMOS temperature
rise. Note that the VSWH node is a high-voltage and high-frequency switching node with a high noise
potential. Care should be taken to minimize coupling to adjacent traces. Since this copper trace also acts as a
heat sink for the lower MOSFET, the designer must balance using the largest area possible to improve
DrMOS cooling with maintaining acceptable noise emission.
3.
Locate the output inductor close to the ZSPM9015 to minimize the power loss due to the VSWH copper trace.
Care should also be taken so that the inductor dissipation does not heat the DrMOS.
4.
The power MOSFETs used in the output stage are effective for minimizing ringing due to fast switching. In
most cases, no VSWH snubber is required. If a snubber is used, it should be placed close to the VSWH and
PGND pins. The resistor and capacitor must be the proper size for the power dissipation.
5.
VCIN and BOOT capacitors should be placed as close as possible the VCIN-to-CGND and BOOT-to-PHASE
pin pairs to ensure clean and stable power. Routing width and length should be considered as well.
6.
The layout should include a placeholder to insert a small-value series boot resistor (RBOOT) between the boot
capacitor (CBOOT) and the ZSPM9015 BOOT pin. The boot-loop size, including RBOOT and CBOOT, should be as
small as possible. The boot resistor may be required when operating with VIN above 15V. The boot resistor is
effective for controlling the high-side MOSFET turn-on slew rate and VSWH overshoot. RBOOT can improve the
operating noise margin in synchronous buck designs that might have noise issues due to ground bounce or
high positive and negative VSWH ringing. However, inserting a boot resistance lowers the DrMOS efficiency.
Efficiency versus noise trade-offs must be considered. RBOOT values from 0.5Ω to 3.0Ω are typically effective
in reducing VSWH overshoot.
7.
The VIN and PGND pins handle large current transients with frequency components greater than 100MHz. If
possible, these pins should be connected directly to the VIN and board GND planes. Important: the use of
thermal relief traces in series with these pins is discouraged since this adds inductance to the power path.
Added inductance in series with the VIN or PGND pin degrades system noise immunity by increasing positive
and negative VSWH ringing.
8.
Connect the CGND pad and PGND pins to the GND plane copper with multiple vias for stable grounding.
Poor grounding can create a noise transient offset voltage level between CGND and PGND. This could lead
to faulty operation of the gate driver and MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com