Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM9015 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSPM9015
Description  Ultra-Compact, High-Performance, High-Frequency DrMOS Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM9015 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSPM9015 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSPM9015 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ZSPM9015
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
Data Sheet
April 26, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 23
1.4.
Typical Performance Characteristics
Test conditions: VIN=12V, VOUT=1.0V, VCIN=5V, LOUT=250nH, TAMB=25°C, and natural convection cooling, unless
otherwise specified.
Figure 1.1
Power Loss vs. Output Current
Figure 1.2
Efficiency vs. Output Current
Figure 1.3
Power Loss vs. Output Current
Figure 1.4
Efficiency vs. Output Current
0
1
2
3
4
5
6
7
8
9
0
5
10
15
20
25
30
35
40
Module Output Current, IOUT (A)
300kHz
500kHz
800kHz
1000kHz
VIN = 12V, VCIN = 5V, VOUT = 1V
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
35
40
Module Output Current, IOUT (A)
300kHz
500kHz
800kHz
1000kHz
VIN = 12V, VCIN = 5V, VOUT = 1V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
2
4
6
8
10
Module Output Current, IOUT (A)
ZCD enabled
ZCD disabled
VIN = 12V, VCIN= 5V, VOUT = 1V, FSW = 300kHz
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
2
4
6
8
10
Module Output Current, IOUT (A)
ZCD enabled
ZCD disabled
VIN = 12V, VCIN= 5V, VOUT = 1V, FSW = 300kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com