Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3015 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSSC3015
Description  Sensor Signal Conditioner with Diagnostics
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3015 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSSC3015 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
ZSSC3015
RBicdLite-Auto™ Sensor Signal Conditioner with Diagnostics
Data Sheet
March 25, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.02
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
21 of 50
2.6.3.
Sensor Short Check
If a short occurs between BP/BN (bridge inputs), it would normally produce an in-range output signal and there-
fore would not be detected as a fault. This diagnostic mode, if enabled, will deliberately look for such a short. After
the measurement cycle of the bridge, it will deliberately pull the BP bridge input to ground for 4
sec. At the end of
this 4
sec window, it will check to see if the BN input “followed” it down below the 0.8V comparator checkpoint. If
so, a short must exist between BP/BN, and the ZSSC3015 will output a diagnostic state. The bridge will have a
minimum of 480
sec recovery time prior to the next measurement. See Table 2.2 in section 2.6 for more
information.
2.6.4.
Power Loss Detection
If the power or GND connection to the module containing the sensor bridge and ZSSC3015 is lost, the ZSSC3015
will output a diagnostic state if a pull-up or pull-down terminating resistor greater than or equal to 5k
 is
connected in the final application. This diagnostic mode only functions when the part is configured in Analog
Output Mode. For more information, see Table 2.2 in section 2.6.
2.6.5.
ExtTemp Connection Checks
When external temperature is selected and connection checking is enabled, the part performs range checking on
the converted temperature value. If the internal ADC reading of the temperature is less than 1/32 of full scale or
greater than 63/64 of full scale then a diagnostic state is asserted. If the ExtTemp pin is shorted to ground, the
ADC reads less than 1/32. Because 100µA is sourced onto the ExtTemp pin during conversions, it naturally pulls
up during these times. If the ExtTemp pin is open, it produces an ADC reading greater than 63/64 of full scale.
Both these bad connection conditions would be detected and result in a diagnostic output. If internal temperature
is selected or sensor connection check is not enabled, then this diagnostic check is not enabled. See Table 2.2 in
section 2.6 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com