Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3015 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSSC3015
Description  Sensor Signal Conditioner with Diagnostics
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3015 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSSC3015 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3015 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
ZSSC3015
RBicdLite-Auto™ Sensor Signal Conditioner with Diagnostics
Data Sheet
March 25, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.02
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 50
1.3.
Electrical Parameters
Note: See important table notes at end of table. For parameters marked with an asterisk * there is no verification in mass production; the
parameter is guaranteed by design and/or quality observation.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
5.0
5.5
V
Supply Current (varies with
update rate and output mode)
IDD
At slowest update rate
0.3
mA
At fastest update rate
1.0
1.4
Temperature Coefficient
–
PTAT Source
*
TCPTAT
20
100
ppm/K
Power Supply Rejection Ratio*
PSRR
60
dB
Power-On Reset Level
POR
1.4
2.6
V
Analog Front-End (AFE)
Leakage Current
—Pins VBP
and VBN
IIN_LEAK
Sensor connection and short check
must be disabled. See sections 2.6.2
and 2.6.3.
10
nA
Analog-to-Digital Converter (ADC)
ADC Resolution
rADC
14
Bit
Integral Nonlinearity (INL)
1)
INLADC
Based on ideal slope.
±8
LSB
Differential Nonlinearity (DNL)*
DNLADC
±1
LSB
Digital-to-Analog Converter (DAC) and Buffer for Analog Output
Maximum Output Current
IOUT
Maximum current maintaining accuracy.
2.2
mA
Resolution
Res
Referenced to VDD.
12
Bit
Absolute Error
EABS
DAC input to output.
±0.2%
VDD
Differential Nonlinearity *
DNL
No missing codes.
-0.9
+3.0
LSB12Bit
Upper Output Voltage Limit
VOUT
RL = 5 k.
95%
VDD
Lower Output Voltage Limit
VOUT
With 5k
 pull down, 0-1V output.
16.5mV
mV
Output Short Circuit
Protection Limit
ISC
Depends on operating conditions. Short
circuit protection must be enabled via
Diag_cfg (EEPROM word [102:100]).
See section 2.4.2.
3
20
mA
Analog Output Noise
Peak-to-Peak
VNOISE,PP
Shorted input.
5±1LSB
mV
Diagnostics
Upper Diagnostic Output Level
VDIA,H
97.5%
VDD
Lower Diagnostic Output Level
VDIA,L
2.5%
VDD
Minimum Load Resistor for
Power Loss
RL,OUT_PS
Pull-up or pull-down
2) in Analog Output
Mode
5
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com