Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3016 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSSC3016
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3016 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSSC3016 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
ZSSC3016
Low Power 16 Bit Sensor Signal Conditioner IC
Data Sheet
December 7, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
21 of 44
Figure 3.2
Operational Flow Chart: Command Mode and Normal Mode.
3.4.
Command Interpretation
3.4.1.
SPI/I2C Commands
The user-accessible section of memory includes addresses 00HEX through 17HEX in the OTP memory that is
designated by the user memory page pointer. Because each of the four OTP memory pages cannot be rewritten
or erased, the memory page pointer must be incremented to the next OTP memory page in order to write to
memory again (see Table 3.1 for the command). After all four user-accessible OTP memory pages have been
used, further write operations are not possible and the “Memory Full” bit is returned as set in the status byte after
write operations (see section 3.5.1).
The SPI/I
2C commands supported by the ZSSC3016 are listed in Table 3.1. The command to read an address in
the user memory is the same as its address. The command to read the 16-bit memory status of the data at an
address in user memory is the address plus 20HEX. The command to write to an address in user memory is the
address plus 40HEX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com