Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3016 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSSC3016
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3016 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSSC3016 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3016 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
ZSSC3016
Low Power 16 Bit Sensor Signal Conditioner IC
Data Sheet
December 7, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 44
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNIT
INPUT
Input Voltage Range
VINP, VINN
Input voltage range at INP and
INN
0.65
1.05
V
Bridge Resistance
RBR
2
10
50
k
POWER UP
tSTA1
VDD ramp up to interface
communication
1
ms
Start-up Time
tSTA2
VDD ramp up to analog
operation
2.5
ms
tWUP1
Sleep to Active State interface
communication
0.5
ms
Wake-up Time
tWUP2
Sleep to Active State analog
operation
2
ms
OSCILLATOR
Internal Oscillator
Frequency
fCLK
3.7
4
4.3
MHz
INTERNAL TEMPERATURE SENSOR
Temperature Resolution
for full range: -40°C to +85°C
0.003
K/LSB
INTERFACE and MEMORY
SPI Clock Frequency
fC,SPI
max. capacitance at MISO-line:
40pF @ VDD=1.8V
20
MHz
I²C Clock Frequency
fC,I2C
3.4
MHz
Program Time
tVPP
MTP programming time
500
600
µs
Data Retention
tRET_MTP
for industrial-level IC-version:
1000h @ 150°C
10
*
a
* with maximum ambient temperature of 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com