Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTA2 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # CTA2
Description  COMPLEX TRANSISTOR ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CTA2 Datasheet(HTML) 1 Page - Diodes Incorporated

  CTA2 Datasheet HTML 1Page - Diodes Incorporated CTA2 Datasheet HTML 2Page - Diodes Incorporated CTA2 Datasheet HTML 3Page - Diodes Incorporated CTA2 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B
Q1
S
Q2
D
Q2
E
Q1
C
Q1
G
Q2
Q2
Q1
DS30296 Rev. 2 - 2
1 of 4
CTA2P1N
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
833
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings, Total Device @ TA = 25°C unless otherwise specified
A
M
J
L
F
D
B C
H
K
A80
Maximum Ratings, Q1, MMBT4403 PNP Transistor Element
@ TA = 25
°C unless otherwise specified
CTA2P1N
COMPLEX TRANSISTOR ARRAY
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
All Dimensions in mm
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-600
mA
Maximum Ratings, Q2, 2N7002 N-Channel MOSFET Element @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS
£ 1.0MW
VDGR
60
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 1)
Continuous
Continuous @ 100°C
Pulsed
ID
115
73
800
mA
Mechanical Data
·
Case: SOT-363, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
·
Case material - UL Flammability Rating
Classification 94V-0
·
Terminal Connections: See Diagram
·
Marking: A80
·
Weight: 0.006 grams (approx.)
·
Combines MMBT4403 type transistor with 2N7002
type MOSFET
·
Small Surface Mount Package
·
NPN/P-Channel Complement Available: CTA2N1P


Similar Part No. - CTA2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2 DIODES-CTA2 Datasheet
61Kb / 3P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
logo
CIT Relay & Switch
CTA2 CIT-CTA2 Datasheet
263Kb / 3P
CIT SWITCH
logo
PowerVolt Inc.
CTA200-L01 POWERVOLT-CTA200-L01 Datasheet
119Kb / 1P
Connection Diagram , Schematic
logo
CIT Relay & Switch
CTA21ACP121.6 CIT-CTA21ACP121.6 Datasheet
263Kb / 3P
CIT SWITCH
CTA21ACP241.6 CIT-CTA21ACP241.6 Datasheet
263Kb / 3P
CIT SWITCH
More results

Similar Description - CTA2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
DRDPB26W DIODES-DRDPB26W Datasheet
305Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
DVR1V8W DIODES-DVR1V8W Datasheet
97Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 4 - 2
CTA2N1P DIODES-CTA2N1P_1 Datasheet
124Kb / 7P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. 6 - 2
CTA2P1N DIODES-CTA2P1N_1 Datasheet
715Kb / 7P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 7 - 2
CTA2N1P DIODES-CTA2N1P_2 Datasheet
176Kb / 6P
COMPLEX TRANSISTOR ARRAY
Rev. 7 - 2
CTA2P1N DIODES-CTA2P1N_2 Datasheet
236Kb / 5P
COMPLEX TRANSISTOR ARRAY
Rev. 9 - 2
DRDNB16W DIODES-DRDNB16W_1 Datasheet
355Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 10 - 2
DVR1V8W DIODES-DVR1V8W_1 Datasheet
146Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 5 - 2
HBDM60V600W DIODES-HBDM60V600W_08 Datasheet
201Kb / 7P
COMPLEX TRANSISTOR ARRAY FOR BIPOLAR
DS30701 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com