Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTA2 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # CTA2
Description  COMPLEX TRANSISTOR ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CTA2 Datasheet(HTML) 3 Page - Diodes Incorporated

  CTA2 Datasheet HTML 1Page - Diodes Incorporated CTA2 Datasheet HTML 2Page - Diodes Incorporated CTA2 Datasheet HTML 3Page - Diodes Incorporated CTA2 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30296 Rev. 2 - 2
3 of 4
CTA2P1N
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 3)
Device
Packaging
Shipping
CTA2P1N-7
SOT-363
3000/Tape & Reel
Ordering Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
Code
JK
LM
N
OP
Date Code Key
A80
Marking Information
IB BASE CURRENT (mA)
Fig. 2 Typical Collector Saturation Region (MMBT4403)
0.001
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
IC=1mA
IC = 10mA
IC = 30mA
IC = 100mA IC = 300mA
1.0
5.0
20
10
30
-0.1
-10
-1.0
-30
REVERSE VOLTS (V)
Fig. 1 Typical Capacitance (MMBT4403)
Cobo
Cibo



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com