Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EADIPS082-HNLED Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EADIPS082-HNLED
Description  LCD-Modul 2x8 - 5.01mm INCL. CONTROLLER ST7066
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIPS082-HNLED Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EADIPS082-HNLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIPS082-HNLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIPS082-HNLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIPS082-HNLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIPS082-HNLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue 1.2013
LCD-Modul 2x8 - 5.01mm
INCL. CONTROLLER ST7066
FEATURES
* SUPER SMALL LCD MODULE
* HIGH CONTRAST LCD-SUPERTWIST DISPLAY (BLUE/NEUTRAL)
* OPTIONAL LED-BACKLIGHT YELLOW/GREEN
* HD 44780 COMPATIBLE
* 4- OR 8-BIT DATA BUS INTERFACE
* ASCII CHARACTER SET BUILT IN
* ALSO AVAILABLE: 1x8 LCD WITH SAME DIMENSIONS
* POWER SUPPLY
+5V OR ±2.7V OR ±3.3V @2mA and 50mA for LED-B/L (5V)
* OPERATING TEMPERATURE RANGE EA DIPS082: -20…+70°C
* OPERATING TEMPERATURE RANGE EA 8081-A3N: 0…+50°C
* NO MORE MOUNTING REQUIRED: SIMPLY PLUG INTO PCB
ORDERING INFORMATION
LCD-MODULE 2x8 - 5.01mm
EA DIPS082-HN
WITH LED BACKLIGHT YELLOW/GREEN
EA DIPS082-HNLED
LCD-MODULE 1x8 - 7.15 mm
EA 8081-A3N
Dimension 40 x 20 mm
no more
mounting
required


Similar Part No. - EADIPS082-HNLED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADIP081-CHNLED ETC2-EADIP081-CHNLED Datasheet
239Kb / 5P
LCD MODULE 1x8 - 11.48mm INCL. CONTROLLER HD 44780
EADIP081-CNLED ETC2-EADIP081-CNLED Datasheet
239Kb / 5P
LCD MODULE 1x8 - 11.48mm INCL. CONTROLLER HD 44780
EADIP122-5HNLED ETC2-EADIP122-5HNLED Datasheet
284Kb / 5P
LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
EADIP122-5NLED ETC2-EADIP122-5NLED Datasheet
284Kb / 5P
LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
EADIP122B-5NLW ETC2-EADIP122B-5NLW Datasheet
284Kb / 5P
LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
More results

Similar Description - EADIPS082-HNLED

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM8E-STACK16-4 XFMRS-XFATM8E-STACK16-4 Datasheet
136Kb / 2P
2x8 STACKED COMBO
XFATM13A-STACK16-4 XFMRS-XFATM13A-STACK16-4 Datasheet
63Kb / 2P
2x8 STACKED COMBO
logo
List of Unclassifed Man...
DOGXL240-7 ETC2-DOGXL240-7 Datasheet
715Kb / 8P
240X128 INCL. CONTROLLER UC1611S
EADIP081-CNLED ETC2-EADIP081-CNLED Datasheet
239Kb / 5P
LCD MODULE 1x8 - 11.48mm INCL. CONTROLLER HD 44780
EADIP122-5NLED ETC2-EADIP122-5NLED Datasheet
284Kb / 5P
LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
EADIP162-DNLED ETC2-EADIP162-DNLED Datasheet
276Kb / 5P
LCD-MODULE 2x16 - 6.68mm INCL. CONTROLLER HD44780
EADIP203B-6NLW ETC2-EADIP203B-6NLW Datasheet
330Kb / 5P
LCD-Modul 4x20 - 6.45mm
EADIP203G-4NLED ETC2-EADIP203G-4NLED Datasheet
374Kb / 5P
LCD MODULE 4x20 - 3.75mm INCL. CONTROLLER SSD1803
logo
JFW Industries, Inc.
50MS-342 JFW-50MS-342 Datasheet
92Kb / 1P
2x8 MATRIX SWITCH
logo
List of Unclassifed Man...
EAOLEDL128-6 ETC-EAOLEDL128-6 Datasheet
1Mb / 10P
INCL CONTROLLER SSD1309 FOR SPI AND I²C
Issue 02.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com