Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EADIPS082-HNLED Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EADIPS082-HNLED
Description  LCD-Modul 2x8 - 5.01mm INCL. CONTROLLER ST7066
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIPS082-HNLED Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EADIPS082-HNLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIPS082-HNLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIPS082-HNLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIPS082-HNLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIPS082-HNLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Printing and typographical errors reserved.
ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice.
Page 2
2x8 - 5.01mm
Pinout
Table of commands
Instruction
Code
Description
Execute
Time
(max.)
RS R/W
DB
7
DB
6
DB
5
DB
4
DB
3
DB
2
DB
1
DB
0
Clear Display
0
0
0
0
0
0
0
0
0
1
Clears all display and returns the cursor
to the home position (Address 0).
1.64ms
Cursor At Home
0
0
0
0
0
0
0
0
1
*
Returns the Cursor to the home
position (Address 0). Also returns the
display being shifted to the original
position. DD RAM contents remain
unchanged.
1.64ms
Entry Mode Set
0
0
0
0
0
0
0
1
I/D S
Sets the Cursor move direction and
specifies or not to shift the display.
These operation are performed during
data write and read.
40µs
Display On/Off
Control
0
0
0
0
0
0
1
D
C
B
Sets ON/OFF of all display (D) cursor
ON/OFF (C), and blink of cursor position
character (B).
40µs
Cursor / Display Shift 0
0
0
0
0
1
S/C R/L
*
*
Moves the Cursor and shifts the display
without changing DD RAM contents.
40µs
Function Set
0
0
0
0
1
DL
N
F
*
*
Sets interface data length (DL) number
of display lines (N) and character font
(F).
40µs
CG RAM Address Set 0
0
0
1
ACG
Sets the CG RAM address. CG RAM
data is sent and received after this
setting.
40µs
DD RAM Address Set 0
0
1
ADD
Sets the DD RAM address. DD RAM
data is sent and received after this
setting.
40µs
Busy Flag / Address
Read
0
1
BF
AC
Reads Busy flag (BF) indicating internal
operation is being performed and reads
address counter contents.
-
CG RAM / DD RAM
Data write
1
0
Write Data
Writes data into DD RAM or CG RAM
40µs
CG RAM / DD RAM
Data Read
1
1
Read Data
Reads data from DD RAM or CG RAM
40µs
Pin Symbol Level Function
Pin
Symbol Level Function
1
VSS
L
Power Supply 0V (GND)
8
D1
H/ L
Display Data
2
VDD
H
Power Supply +5V
9
D2
H/ L
Display Data
3
VEE
-
Contrast (about 0.3V / 1.2V)
10
D3
H/ L
Display Data
4
RS
H/ L
H=Data / L=Command
11
D4 (D0)
H/ L
Display Data
5
R/W
H/ L
H=Read / L=Write
12
D5 (D1)
H/ L
Display Data
6
E
H
Enable (falling edge)
13
D6 (D2)
H/ L
Display Data
7
D0
H/ L
Display Data / Anode LED-B/L
14
D7 (D3)
H/ L
Display Data, MSB
LED Backlight
Standard display EA DIPS082-HN is reflective, non-backlighted version. Module with part number
EA DIPS082-HNLED comes with yellow/green LED backlight. Power consumption for backlight is 50mA
typ. and 80mA max. Backlight is permanent switched on.
For individual use LED backlight can be switched on and off after doing the following modification:
Remove series resistor R5 and change resistor from R6 to R7. Now a positive voltage at pin 7 (D0)
powers Anode of backlight direct. To limit LED-current an external series resistor is required (R
Ext.=
0,8V / I
LED). Please note that in this case display interface is 4-bit mode only !
Contrast setting



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com