Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4183 Datasheet(PDF) 3 Page - NEC

Part # 2SC4183
Description  RF AMPLIFIER FOR UHF TV TUNER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4183 Datasheet(HTML) 3 Page - NEC

  2SC4183 Datasheet HTML 1Page - NEC 2SC4183 Datasheet HTML 2Page - NEC 2SC4183 Datasheet HTML 3Page - NEC 2SC4183 Datasheet HTML 4Page - NEC 2SC4183 Datasheet HTML 5Page - NEC 2SC4183 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC4183
3
S-PARAMETER
VCE = 3 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.575
–92.0
4.073
116.3
0.022
51.5
0.899
–5.2
200.00
0.423
–131.1
2.321
97.1
0.027
47.1
0.871
–5.1
300.00
0.368
–153.0
1.613
85.9
0.033
49.1
0.846
–6.7
400.00
0.358
–167.3
1.206
78.4
0.036
54.8
0.845
–6.8
500.00
0.361
–178.5
0.973
71.7
0.042
57.0
0.817
–6.9
600.00
0.363
171.3
0.835
67.1
0.048
62.1
0.827
–7.8
700.00
0.364
162.1
0.726
60.4
0.053
63.3
0.823
–7.8
800.00
0.366
156.1
0.655
55.1
0.060
65.2
0.830
–9.8
900.00
0.369
151.5
0.570
51.0
0.066
67.9
0.826
–10.9
1000.00
0.391
147.0
0.516
46.3
0.073
68.2
0.812
–14.0
1100.00
0.410
142.0
0.473
44.4
0.078
70.4
0.794
–15.0
1200.00
0.418
135.4
0.440
39.8
0.085
70.6
0.760
–16.4
1300.00
0.424
130.5
0.415
36.3
0.094
71.2
0.746
–16.4
1400.00
0.427
126.9
0.370
33.3
0.097
72.1
0.723
–16.4
1500.00
0.440
124.0
0.344
29.3
0.106
71.4
0.729
–16.5
1600.00
0.452
120.9
0.313
30.7
0.112
74.0
0.715
–16.9
1700.00
0.465
117.3
0.289
29.5
0.119
73.2
0.716
–18.9
1800.00
0.475
114.4
0.279
30.8
0.129
75.3
0.707
–19.6
1900.00
0.484
111.8
0.265
29.8
0.137
74.1
0.686
–21.3
2000.00
0.500
109.3
0.256
28.6
0.148
71.8
0.672
–22.3
VCE = 3 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.796
176.6
0.023
29.2
0.018
23.3
0.733
–2.1
200.00
0.791
171.0
0.023
33.5
0.020
33.2
0.727
–2.6
300.00
0.797
166.9
0.026
43.5
0.024
40.6
0.715
–4.0
400.00
0.798
163.7
0.028
51.8
0.027
54.1
0.714
–4.1
500.00
0.820
158.7
0.032
60.4
0.031
59.5
0.697
–4.2
600.00
0.824
153.7
0.036
66.8
0.036
67.7
0.706
–4.8
700.00
0.813
147.1
0.042
71.9
0.042
71.5
0.707
–4.8
800.00
0.805
143.9
0.050
74.9
0.049
75.1
0.712
–6.5
900.00
0.782
141.4
0.055
78.6
0.054
79.3
0.710
–7.6
1000.00
0.817
138.4
0.064
79.2
0.064
79.6
0.699
–10.3
1100.00
0.833
135.3
0.070
82.7
0.071
81.9
0.684
–11.2
1200.00
0.831
129.2
0.079
82.8
0.077
82.6
0.657
–12.3
1300.00
0.829
125.1
0.089
83.5
0.088
83.6
0.645
–12.0
1400.00
0.814
122.1
0.094
83.8
0.094
83.8
0.628
–11.8
1500.00
0.819
119.6
0.105
82.3
0.106
82.9
0.633
–11.7
1600.00
0.823
116.8
0.113
85.0
0.113
84.7
0.624
–11.9
1700.00
0.826
113.3
0.123
84.6
0.123
83.3
0.626
–13.7
1800.00
0.822
110.5
0.134
84.3
0.134
84.7
0.619
–14.2
1900.00
0.826
108.1
0.144
82.4
0.143
82.9
0.601
–15.8
2000.00
0.835
105.6
0.155
79.8
0.155
80.3
0.590
–16.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com