Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4183 Datasheet (PDF) - NEC

2SC4183 Datasheet PDF - NEC
Part # 2SC4183
Download  2SC4183 Download
File Size   44.65 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RF AMPLIFIER FOR UHF TV TUNER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD

2SC4183 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4183 Datasheet PDF - NEC

Part # 2SC4183
Download  2SC4183 Click to download

File Size   44.65 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RF AMPLIFIER FOR UHF TV TUNER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD

2SC4183 Datasheet (HTML) - NEC


2SC4183 Product details

DESCRIPTION
The 2SC4183 is specifically designed for UHF RF amplifier applications. The 2SC4183 features high gain, low noise, and excellent forward AGC characteristics in tiny plastic super mini mold package makes it suitable for use in small type equipments such as Hybrid Integrated Circuit and other applications.

FEATURES
• Low NF and high Gpb
   NF = 3.0 dB Typ.
   Gpb = 10 dB Typ. (f = 900 MHz)
• Foward AGC characteristics.




Similar Part No. - 2SC4183

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4183 RENESAS-2SC4183 Datasheet
174Kb / 8P
SILICON TRANSISTOR
1984
More results


Similar Description - 2SC4183

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4568 NEC-2SC4568 Datasheet
51Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4571 NEC-2SC4571 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Toshiba Semiconductor
2SC4244 TOSHIBA-2SC4244 Datasheet
181Kb / 4P
NPN EPITAXIAL PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)
HN3C02FU TOSHIBA-HN3C02FU Datasheet
92Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
HN3C03FU TOSHIBA-HN3C03FU Datasheet
91Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
2SC4214 TOSHIBA-2SC4214_07 Datasheet
517Kb / 5P
Silicon NPN Planar Type UHF TV Tuner RF Amplifier Applications
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com