Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALED55X31-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EALED55X31-R
Description  DOGM GRAPHIC SERIES 132x32 DOTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED55X31-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EALED55X31-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DOGM GRAPHIC SERIES
132x32 DOTS
6.2009
Zeppelinstrasse 19 · D-82205 Gilching · Phone +49-(0)8105-778090 · Fax: +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
TECHNICAL DATA
* HIGH-CONTRAST LCD SUPERTWIST DISPLAY (STN AND FSTN) WITH 15µm DOT GAP
* OPTIONAL LED BACKLIGHTS IN VARIOUS COLORS
* 132x32 PIXELS (CORRESPONDS TO 4x22 CHARACTERS OR 2x16 LARGE CHARACTERS)
* ST 7565R CONTROLLER WITH SPI (4-WIRE) INTERFACE
* POWER SUPPLY: SINGLE SUPPLY 2.4..3.3V (TYPICALLY 140µA)
* NO ADDITIONAL VOLTAGES REQUIRED
* OPERATING TEMPERATURE RANGE -20°C TO +70°C (STORAGE -30°C TO +80°C)
* LED BACKLIGHTING 5..45mA
* NO MOUNTING REQUIRED: SIMPLY SOLDER ONTO PCB
ORDERING CODE
GRAPHICS DISPLAY, 132x32, 55x31mm
EA DOGM132X-5
x: W = white background (FSTN pos. transflective)
E = yellow/green background (STN pos. transmissive)
B = blue background (STN neg. transmissive)
S = black background (FSTN neg. transmissive)
L = yellow/green background (STN pos. reflective, cannot be backlit)
LED BACKLIGHT, WHITE
EA LED55X31-W
LED BACKLIGHT, YELLOW/GREEN
EA LED55X31-G
LED BACKLIGHT, BLUE
EA LED55X31-B
LED BACKLIGHT, RED
EA LED55X31-R
LED BACKLIGHT, AMBER
EA LED55X31-A
LED BACKLIGHT, FULL COLOR RGB
EA LED55X31-RGB
ACCESSORIES
USB TEST BOARD FOR PC (WINDOWS)
EA 9780-1USB
SOCKET CONNECTOR 4.8 mm HEIGHT (2 PCS. REQUIRED)
EA FL-20P
DISK WITH 10 CHARACTER SETS e.g. 6x8, 8x8, 8x16, CYRILLIC
EA USBSTICK-FONT
flexible
display
content
!
EA DOGM132W-6 +
EA LED55x31-W
EA DOGM132B-5 +
EA LED55x31-W
EA DOGM132W-5 +
EA LED55x31-A


Similar Part No. - EALED55X31-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EALED55X31-R ETC2-EALED55X31-R Datasheet
1Mb / 9P
DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
EALED55X31-RGB ETC2-EALED55X31-RGB Datasheet
1Mb / 9P
DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
More results

Similar Description - EALED55X31-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
128 X 128 Dots Graphic
logo
List of Unclassifed Man...
BG16036 ETC2-BG16036 Datasheet
27Kb / 1P
160x36 dots Graphic Module
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
DOGL GRAPHIC SERIES 128x64 DOTS
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
DOGM GRAPHIC SERIES 128x64 DOTS
EADOGS102X-6 ETC2-EADOGS102X-6 Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
logo
Hantronix,Inc
HDM64GS24_4 HANTRONIX-HDM64GS24_4_15 Datasheet
34Kb / 1P
240 X 64 Dots Graphic
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
128 X 64 Dots Graphic
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
128 X 64 Dots Graphic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com