Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALED55X31-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EALED55X31-R
Description  DOGM GRAPHIC SERIES 132x32 DOTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED55X31-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EALED55X31-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EADOGM132-5
Page 4
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
APPLICATION EXAMPLES
LOW VOLTAGE
If an external source of +9..+12V (does not
have to be stabilized) is available, the charge
pump is not needed and less external
components are required. Supply and logic
voltage may be 1.8..3.3V
LOW POWER
+3.0V or +3.3V (single supply) operation
requires 8 external capacitors. Current
consumption typ. 110uA
WIDE RANGE
The operation on +2.4..+3.3V (single
supply) requires 9 external capacitors.
Current consumption is typ. 150uA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com