Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAEVALEDIP128B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP128B
Description  OPERATING UNIT 128x64 with touch panel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP128B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EAEVALEDIP128B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
EAeDIP128-6
Page 3
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
GENERAL
The EA eDIP series of displays are the world’s first displays with integrated intelligence. In addition to a variety
of integrated fonts that can be used with pixel accuracy, they offer a whole range of sophisticated graphics
functions.
The displays are ready for operation immediately with an operating voltage range of +3.3V..+5V. They are
controlled via one of the 3 integrated interfaces: RS-232, SPI or I²C. The displays are “programmed” by means
of high-level language-type graphics commands. There is no longer any need for the time-consuming
programming of character sets and graphics routines. The ease of use of this display with its touch panel
dramatically reduces development times.
HARDWARE
The display is designed to work at an operating voltage range of +3.3V..+5V. Data transfer is either serial and
asynchronous in RS-232 format or synchronous via the SPI or I²C specification. To improve data security,
a simple protocol is used for all types of transfer.
ANALOGUE TOUCH PANEL
All versions are also available with an integrated touch panel: You can make entries and menu or bar
graph settings by touching the display. The labeling of the “keys” is flexible and can also be changed during
runtime (different languages, icons). The drawing of the individual “keys” and the labeling is handled by the
integrated software.
LED ILLUMINATION, B- ANDW-TYPES
All displays in blue-and-white (B) and black-and-white (W) are equipped with a modern, low power
consumption LED backlight. Whereas the black&white can still be read even when the backlight is switched
off completely, the blue-white display requires a minimum level of illumination to be legible. The backlight can
be switched off with a software command and the brightness can be adjusted. We recommend the black&white
version for use in direct sunlight. For all other applications, we recommend the high-contrast, blue-white
version. Note that the white LED backlight is subject to aging. That means switching off or dimming backlight
is a must for 24-hour-applications.
SOFTWARE
This display is programmed by means of commands, such as draw a rectangle from (0,0) to (64,15). No
additional software or drivers are required. Strings and images can be placed with pixel accuracy. Text and
graphics can be combined at any time. Different character sets can be used at same time. Each character set
and the images can be zoomed from 2 to 8 times and rotated in 90° steps. With the largest character set, the
words and numbers displayed will fill the screen.
ACCESSORIES
Evaluation-Board (Programmer) for internal data flash memory
The display is shipped fully programmed and with all fonts. The additional Evaluation-Board is thus
generally not required.
However, if the internal character sets have to be changed or extended, or if images or macros have
to be stored internally, the Evaluation-Board EA 9777-2USB, which is available as an accessory, will
burn the data/images you have created into the on-board EEPROM (64 kB) permanently.
The Evaluation-Board runs under Windows and is connected to the PC’s USB interface. It is shipped
with an interface cable and the installation software. The Evaluation-Board is equipped with serveral
LEDs, pushbottons and potentiometer to test all peripherial modes of the eDIP.
Interface-Expansion for Evaluation-Board (included in the Starter-Kit):
Wtih the expansion EA 9777-2PE for the Evaluation-Board all interfaces of the display are made
available with the help from small adapter boards: RS-232, RS-485, SPI, I²C, RS-232 (CMOS level).
Further information you will find in the datasheet of the Evalution-Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com