Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAEVALEDIP128B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP128B
Description  OPERATING UNIT 128x64 with touch panel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP128B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EAEVALEDIP128B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
EAeDIP128-6
Page 4
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Baud Rates
Baud0 Baud1 Baud2
data format
8,N,1
1
0
0
2400
0
1
0
4800
1
1
0
9600
0
0
1
19200
1
0
1
38400
0
1
1
57600
1
1
1
115200
0
0
0
230400
Pinout eDIP128-6: RS-232/RS-485 mode
Pin Symbol In/Out Function
Pin
Symbol
In/Out Function
1
GND
Ground Potential for logic (0V)
17
DPROT
In
L: Disable Smallprotokoll
do not connect for normal operation
2
VDD
Power supply for logic (+3,3V..5V)
18
PWR
Out
L: Normal Operation
H: Powerdownmode
3
NC
do not connect
19
NC
do not connect
4
NC
do not connect
20
TEST
SBUF
In
Out
open-drain with internal pullup 20k..50k
IN (Power-On) L: Testmode
OUT L: data in sendbuffer
5
RESET
In
L: Reset
21
GND
Ground (0V)
6
BAUD0
In
Baud Rate 0
22
VDD
Power supply (+3,3..5V)
7
BAUD1
In
Baud Rate 1
23
NC
do not connect
8
BAUD2
In
Baud Rate 2
24
NC
do not connect
9
ADR0
In
Address 0 for RS-485
25
IN8/OUT1
8 digital inputs
(internal 20k..50k pullup)
alternativ up to 8 digital outputs
maximum current:
IOL = IOH = 10mA
10
RxD
In
Receive Data
26
IN7/OUT2
11
TxD
Out
Transmit Data
27
IN6/OUT3
12
EN485
Out
Transmit Enable for RS-485 driver
28
IN5/OUT4
13
WUP
In
L: (Power-On) disable Power-On-Macro
L: Wakeup from Powerdownmode
29
IN4/OUT5
14
ADR1
In
Address 1 for RS-485
30
IN3/OUT6
15
ADR2
In
Address 2 for RS-485
31
IN2/OUT7
16
BUZZ
Out
Buzzer output
32
IN1/OUT8
Application note
RS-232 INTERFACE
If the display is wired as shown
below, the RS-232 interface is
selected. The pin assignment is
specified in the table on the right.
The RxD and TxD lines lead
CMOS
level
(VDD)
to
a
microcontroller, for example, for
direct connection.
If “genuine” RS-232 levels are
required (e.g. for connection to a
PC), an external level converter
(e.g. MAX232) is required.
BAUD RATES
The baud rate is set by means of pins 6, 7 and 8 (baud 0 to 2). The data
format is set permanently to 8 data bits, 1 stop bit, no parity.
RTS/CTS handshake lines are not required. The required control is
taken over by the integrated software protocol (see pages 10 and 11).
Note:
The pins BAUD 0 to 2, ADR 0 to 2, DPOM,
DPROT and TEST/SBUF have an internal
pullup, which is why only the LO level
(0=GND) is to be actively applied. These
pins must be left open for a hi level.
For RS232 operation (without
addressing) the pins ADR 0 to ADR 2
must be left open.
On pin 20 (SBUF) the display indicates
with a low level that data is ready to be
retrieved from the internal send buffer.
The line can be connected to an interrupt
input of the host system, for example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com