Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4184 Datasheet(PDF) 3 Page - NEC

Part # 2SC4184
Description  UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4184 Datasheet(HTML) 3 Page - NEC

  2SC4184 Datasheet HTML 1Page - NEC 2SC4184 Datasheet HTML 2Page - NEC 2SC4184 Datasheet HTML 3Page - NEC 2SC4184 Datasheet HTML 4Page - NEC 2SC4184 Datasheet HTML 5Page - NEC 2SC4184 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC4184
3
S-PARAMETER
VCE = 3 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.780
–45.1
7.990
142.7
0.038
72.2
0.912
–14.1
200.00
0.599
–75.4
5.939
120.0
0.055
58.9
0.787
–18.6
300.00
0.461
–97.5
4.471
104.5
0.070
52.2
0.702
–21.4
400.00
0.389
–113.6
3.554
95.7
0.079
54.5
0.666
–20.8
500.00
0.349
–127.2
3.002
88.2
0.087
54.5
0.625
–20.8
600.00
0.327
–140.4
2.590
83.5
0.098
57.4
0.623
–21.4
700.00
0.311
–152.0
2.301
76.2
0.107
56.8
0.613
–21.7
800.00
0.304
–161.4
2.086
71.6
0.121
57.7
0.617
–24.0
900.00
0.303
–169.1
1.845
66.3
0.128
59.5
0.616
–26.0
1000.00
0.315
–176.4
1.697
61.8
0.139
58.7
0.604
–29.8
1100.00
0.329
175.8
1.567
58.5
0.149
60.7
0.595
–32.6
1200.00
0.335
167.5
1.480
53.8
0.160
60.3
0.575
–35.2
1300.00
0.337
161.8
1.412
49.6
0.175
60.1
0.561
–37.4
1400.00
0.341
157.7
1.294
45.5
0.179
60.2
0.548
–39.5
1500.00
0.359
154.0
1.215
40.5
0.192
59.0
0.547
–41.9
1600.00
0.378
150.3
1.144
39.9
0.200
62.0
0.541
–45.1
1700.00
0.395
144.9
1.071
37.1
0.212
61.2
0.535
–48.8
1800.00
0.412
140.7
1.065
35.3
0.230
62.8
0.524
–52.9
1900.00
0.421
137.4
1.028
32.3
0.246
61.8
0.515
–56.6
2000.00
0.436
134.3
1.018
27.4
0.263
59.6
0.502
–60.5
VCE = 3 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.471
–83.2
13.160
120.4
0.026
64.3
0.757
–17.7
200.00
0.349
–119.5
7.654
100.5
0.037
63.0
0.646
–16.0
300.00
0.301
–140.2
5.293
89.6
0.050
63.2
0.605
–16.1
400.00
0.291
–153.2
3.997
83.3
0.061
67.1
0.592
–15.5
500.00
0.295
–163.3
3.219
77.5
0.072
66.9
0.572
–15.5
600.00
0.301
–172.5
2.829
74.7
0.085
69.9
0.579
–16.5
700.00
0.306
179.5
2.483
68.7
0.096
68.7
0.577
–17.1
800.00
0.313
174.1
2.232
64.8
0.111
68.7
0.584
–19.8
900.00
0.323
169.9
1.961
60.5
0.120
70.1
0.587
–22.1
1000.00
0.346
165.4
1.794
56.7
0.132
68.4
0.577
–26.1
1100.00
0.370
160.2
1.652
53.9
0.144
70.0
0.570
–29.0
1200.00
0.380
153.6
1.552
49.4
0.153
69.0
0.552
–31.9
1300.00
0.386
149.0
1.479
45.4
0.170
69.0
0.540
–34.2
1400.00
0.391
146.0
1.346
41.8
0.177
69.0
0.529
–36.5
1500.00
0.410
143.2
1.259
36.9
0.191
67.6
0.529
–39.1
1600.00
0.430
140.6
1.181
36.5
0.201
70.2
0.523
–42.4
1700.00
0.448
136.2
1.100
34.0
0.215
69.1
0.520
–46.2
1800.00
0.466
132.8
1.094
32.5
0.236
70.4
0.509
–50.6
1900.00
0.475
129.9
1.047
29.7
0.253
68.8
0.499
–54.5
2000.00
0.490
127.0
1.034
24.9
0.273
66.3
0.487
–58.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com