Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4184 Datasheet(PDF) 1 Page - NEC

Part # 2SC4184
Description  UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4184 Datasheet(HTML) 1 Page - NEC

  2SC4184 Datasheet HTML 1Page - NEC 2SC4184 Datasheet HTML 2Page - NEC 2SC4184 Datasheet HTML 3Page - NEC 2SC4184 Datasheet HTML 4Page - NEC 2SC4184 Datasheet HTML 5Page - NEC 2SC4184 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©
1996
DATA SHEET
SILICON TRANSISTOR
2SC4184
DESCRIPTION
The 2SC4184 is designed for use as an oscillator or a mixer in a UHF
TV tuners. Super mini mold package makes it suitable for use in small
type equipments especially recommended for Hibrid Integrated Circuits
and other applications.
FEATURES
•
High Gain Bandwidth Product
: fT = 1.8 GHz TYP.
•
Low Collector to Base Time Constant : CC · rb’b = 3.5 ps TYP.
•
Low Feedback Capacitance
: Cre = 1.2 pF MAX.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCB0
30
V
Collector to Emitter Voltage
VCE0
15
V
Emitter to Base Voltage
VEB0
4.0
V
Collector Current
IC
50
mA
Total Power Dissipation
PT
160
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Characteristics
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Collector Cutoff Current
ICB0
0.1
µAVCB = 20 V, IE = 0
DC Current Gain
hFE
40
100
200
VCE = 3 V, IC = 5 mA
Collector Saturation Voltage
VCE(sat)
0.5
V
IC = 10 mA, IB = 1 mA
Gain Bandwidth Product
fT
1.2
1.8
GHz
VCE = 3 V, IC = 5 mA
Feedback Capacitance
Cre
0.55
1.2
pF
VCB = 3 V, IE = 0, f = 1 MHz
Collector to Base Time Constant
CC ·rb’b
3.5
8.0
ps
VCE = 3 V, IE = –5 mA, f = 31.9 MHz
hFE Classifications
Rank
T42
T43
T44
Marking
T42
T43
T44
hFE
40 to 80
60 to 120
100 to 200
Document No. P11189EJ2V0DS00 (2nd edition)
(Previous No. TP-2253)
Date Published February 1996 P
Printed in Japan
PACKAGE DIMENSIONS
in millimeters
UHF OSCILLATOR AND VHF MIXER
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
2.1 ± 0.1
1.25 ± 0.1
2
1
3
Marking
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector


Similar Part No. - 2SC4184

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
2SC4184 CEL-2SC4184 Datasheet
61Kb / 8P
NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
logo
Renesas Technology Corp
2SC4184 RENESAS-2SC4184 Datasheet
201Kb / 8P
SILICON TRANSISTOR
1996
More results

Similar Description - 2SC4184

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3545 NEC-2SC3545 Datasheet
98Kb / 8P
UHF OSCILLTOR AND MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3841 NEC-2SC3841 Datasheet
96Kb / 8P
UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4182 NEC-2SC4182 Datasheet
47Kb / 6P
UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4183 NEC-2SC4183 Datasheet
44Kb / 6P
RF AMPLIFIER FOR UHF TV TUNER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4186 NEC-2SC4186 Datasheet
47Kb / 8P
UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4571 NEC-2SC4571 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com