Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASER161-ENLED Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EASER161-ENLED
Description  THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASER161-ENLED Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EASER161-ENLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 5Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 6Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 7Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 8Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
THE SERIALS
Page 4
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
RS-422 socket (2x5 pins)
Pin
Symbol Function
Pin
Symbol Function
1
VDD
+5V
2
Data In- Receive Data
3
Data In+ Receive Data
4
NC
not connected
5
NC
not connected
6
HS In-
HS In- and
HS Out-
bridged
7
HS In+
HS In+ and
HS Out+
bridged
8
HS Out-
9
HS Out+
10
GND
0V
RS-232C socket (2x5 pins)
Pin
Symbol Function
Pin
Symbol Function
1
VDD
+5V
2
DCD
connection to
DSR and DTR
3
DSR
connection to
DCD and DTR
4
NC
not connected
5
CTS
CTS and RTS
bridged
6
RXD
data input
7
RTS
8
DTR
connection to
DSR and DCD
9
RXD5
CMOS
close
LB10+LB17
10
GND
0V
Connection for 1- to 4-line diplays with EA OPT-RS422
Connection for SER308,SER408,SER3016,SER4016
Connection for 1- to 4-line diplays
Connection for displays with snap-in with EA OPT-RS422
Connection for displays with snap-in
RS-232C Connection / Baud rates
Connection to RS-232C or RS-422 interface is made on a 2x5
pin type socket. With cable EA KV24-9B (accessories not for
RS-422)
The Serials
The Serials
The Serials
The Serials
The Serials are ready to be connected directly to a PC.
Transfer rate can be set by jumper on 300, 1200, 2400 or 9600
Baud.
Data format:
If no jumper is set during power on, the display switches into
self test mode and shows its character set.
If the operating unit is ordered together with the EA OPT-RS422 option, special RS-422 drivers are
fitted. The pin assignment in the table on the right then applies.
Incidentally, the same serial data with 5V level and CMOS logic
is available at Pin 9. These level are suitable for direct connection
to a µC. If these signal is used, the solder straps LB 10 + LB 17
must be closed!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com