Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASER161-ENLED Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EASER161-ENLED
Description  THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASER161-ENLED Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EASER161-ENLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 5Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 6Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 7Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 8Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
THE SERIALS
Page 5
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Self defined character1)
8 character (ASCII codes $00..$07) are presetted with " ", "±", "²",
"³", "ß", "Ä", "Ö", "Ü" and can be redefined with the command
"ESC Z n1 data...". After re-definition the presetted codes are no
longer available. It makes sense to switch off the relocation of
ASCII codes via command 'ESC U 0'.
After power-on or reset the predefined codes are avaiable again.
Example:
ESC Z $00 $04 $04 $04 $04 $15 $0E $04 $00
After that, character code $00 is defined as an downside arrow.
Note: For definition 8 data bytes are necesary.
character data
bit value
hex (dez)
16 8
4
2
1
0
0
1
0
0
$04 (4)
0
0
1
0
0
$04 (4)
0
0
1
0
0
$04 (4)
0
0
1
0
0
$04 (4)
1
0
1
0
1
$15 (21)
0
1
1
1
0
$0E (14)
0
0
1
0
0
$04 (4)
0
0
0
0
0
$00 (0)
Digital output1)
There are up to 6 digital outputs OUT1..OUT6. They share with the solder link for address setting
(cannot be used with EA OPT-DIP6). When one or more outputs are used, the possibility for address
set is limited automatically.
Application example1)
Each output line provides a NPN transistor with about 50kOhm pull-up resistor; i.e. only LO level is
able to supply about 10mA. In summary current for
OUT1..OUT6 may not exceed 15mA. HIGH level is
able to source up to 100µA only. Driving a higher
load signal must be amplified by an external
transistor or MOSFET.
1) not for SER308, SER408, SER3016 and SER4016
1) not for SER308, SER408, SER3016 and SER4016:
only the complete character set can be exchanged
All versions except EA S ERxxx-92
Displays with Snap-In case (EA SERxx-92)
After Power-On all output are set to HIGH. Setting an output will be done by following command:
'ESC Y n1 n2'
n1: Output no. 1, 2, 3, 4, 5 or 6
n2=0: Output set to LOW (0V); n2=1: Output set to HIGH (5V); n2=2: Invert output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com