Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASER162-BNLED Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EASER162-BNLED
Description  THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASER162-BNLED Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EASER162-BNLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 5Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 6Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 7Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 8Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
THE SERIALS
Page 2
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Adresseinstellung bei Displays im Snap-In
Adresseinstellung über DIP-Schalter
Adresseinstellung per Lötbrücken
9..35V Versorgung bei Displays im Snap-In
General
The Serials
The Serials
The Serials
The Serials
The Serials represents a complete LCD-Dotmatrix familiy with
input circuit and frontal bezel.These LCD-modules also includes
a RS-232 interface (or optional RS-422). The mounting is done
through holes of the LCD-module, the data connection is made
to a standard RS-232C/RS-422 interface. Transfer rate can be
set by jumper on 300, 1200, 2400 or 9600 Baud. All cursor
controls (line feed etc.) are performed automatically. All displays
feature LED-backlight illumination. Matching frontal bezel with
antiglare glass is included also.
scheme
Power SUPPLY / CONTRAST ADJUSTMENT
Supply voltage is +5V, current consumption depends on type of display and its illumination (100-800
mA, see table on page 20).
The Serials can be connected to power either by screw terminals or with
RS-232 connector. Display contrast is adjustable by potentiometer.
important: It is imperative that the polarity is correct. Even very brief polarity reversal can damage the
entire operating unit immediately and irreparably.
Multiple Displays on a single RS-232C
A single RS-232C can operate a number of displays. For that an individual adress must be assigned
to each display. Commands "Select/Deselect" will target each individual display.
1) not available with SER308, SER408, SER3016 and SER4016
2) not available with SER082-C, SER204-4, SER242-B, SER3016 and SER4016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com