Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASER162-BNLED Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EASER162-BNLED
Description  THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASER162-BNLED Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EASER162-BNLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 5Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 6Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 7Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 8Page - List of Unclassifed Manufacturers EASER162-BNLED Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
THE SERIALS
Page 3
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
additional commands for 1..4 line displays
after
Reset
Command
Code
Remark
Display Mode
ESC
M
5
Overwrite-mode; autoflow OFF
4
6
Overwrite-mode; autoflow ON
Convert Character Code
ESC
U
0
no character code conversion
1
1
convert character code to IBM-Code (for englisch/japanisch character set)
Define character
ESC
Z
n1
8 x data...
n1=character no. (0..7); data = 8x bytes for new character
LED backlit on/off
ESC
L
n1
LED backlit n1=0: off, n1=1: on; n1=2: invert; n1=3..255 n1/10 sec. on
on
Write output port
ESC
Y
n1
n2
n1=0: Set all 6 output ports in accordance with n2 (=6-bit binary value)
n1=1..8: Reset output port n1 (n2=0); set (n2=1); invert (n2=2)
all
1
Version Number
ESC
V
Shows the version number on the display
Reset
ESC
R
Resets and re-initializes the display and controller.
Before sending new data over the RS-232/RS-422 wait 500.
TABLE OF COMMANDS
after
Reset
Command
Code
Remark
Formfeed FF (dec.:12)
^L
Clear screen and place cursor to home position (1,1)
Carriage Return CR (13)
^M
Set cursor into first column left hand
Linefeed LF (dec.:10)
^J
Move cursor down to next line
Cursor positioning
ESC
O
n1
n2
n1=column; n2=line; home-position (1,1) top left hand
1,1
Cursor Form
ESC
C
0
Hidden cursor
3
1
Cursor in form of a flashing block
2
Cursor as an underscore
3
Cursor in form of a flashing block with an underscore
Display Mode
ESC
M
1
Clear-mode; autoflow OFF
4
2
Clear-mode; autoflow ON
3
Scroll-mode; autoflow OFF
4
Scroll-mode; autoflow ON
Select / Deselect
ESC
S
adr
Select interface adress adr=0..254; (adr 255=all)
select-
ed
D
Deselect interface adress adr=0..254; (adr 255=all)
additional commands for 8- and 16-line displays
after
Reset
Command
Code
Remark
Display Mode
ESC
M
5
Clear-mode; autoflow OFF
4
6
Clear-mode; autoflow ON
7
Scroll-mode; autoflow OFF
8
Scroll-mode; autoflow ON
Set letter type
ESC
N
Set standard type; black letters; bright background
N
I
Set inverse letters; bright letters; black background
B
Flashing letters; black letters flash on bright background
L
Invers+flashing; bright letters flash on black background
Save actual settings
ESC
P
Saves cursorform, display-mode and font-type in EEPROM
Select / Deselect
ESC
A
adr
Assignes a new select/deselect adress (8 bit) to the interface
COMMANDS, DATA TRANSFER
All incoming datas will be largely interpretated as ASCII datas. When display fills up, the characters
automatically scroll to the top. CR/LF will be recognized and executed. FF (12d/$0C) clears the
display. Cursor can be set manually by command i.e. "ESC O" (ESC=27d/$1B).
The 8-line and 16-line displays offer beside standard-commands additional options:
The 1-line, 2-line and 4-line displays offer beside standard-commands additional options:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com