Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXII-7720SC Datasheet(PDF) 2 Page - 3M Electronics

Part # EXII-7720SC
Description  EX II Series Capacitive Touch System Electronics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EXII-7720SC Datasheet(HTML) 2 Page - 3M Electronics

  EXII-7720SC Datasheet HTML 1Page - 3M Electronics EXII-7720SC Datasheet HTML 2Page - 3M Electronics EXII-7720SC Datasheet HTML 3Page - 3M Electronics EXII-7720SC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Capacitive Touch System Electronics
EX II Series
Part Numbers
Communications Protocol
Optional Components
Dimensions
Power Connection
Touch Screen Connection
Mean Time Between
Failure (MTBF)
Electrostatic Discharge (ESD)
Relative Humidity
Storage Temperature
Operating Temperature
Power Requirements (Typical)
Regulatory
Driver Support
Warranty
EXII-7730HC
HID (Mouse)
7312256 96" (2.4 m) Cable, Pearl
7315050 23" (0.58m) Cable, Pearl
1.30" x 2.55" x 0.45"
33.0 x 65.0 x 11.4 mm
USB bus
5-pin locking AMP
> 700,000 hours
± 8KV Contact, ± 27KV Air
0 to 95% non-condensing at +36ºC
-50º to +85º C
-40º to +70º C
5Vdc ± 5% 75 mA
UL/cUL, FCC-B, CE, VCCI,
AS/NZS 3548, RoHS
MSFT HID (Mouse)
Optional: MT 7 (Win Vista, 2000, XP,
XPe, WEPOS,CE.net 4.0/5.0)
5 Years
USB EX II 770OHC
EXII-7720SC
Serial RS-232
7310101 96" (2.4 m) Cable, Pearl
7310107 26" (0.7 m) Cable, Pearl
1.30" x 2.55" x 0.45"
33.0 x 65.0 x 11.4 mm
5V through 2-pin
connector on board
5-pin locking AMP
> 700,000 hours
± 8KV Contact, ± 27KV Air
0 to 95% non-condensing at +36ºC
-50º to +85º C
-40º to +70º C
5-12Vdc ± 5% 85 mA
UL/cUL, FCC-B, CE, VCCI,
AS/NZS 3548, RoHS
MT 7 (Win Vista, 2000, XP, XPe,
WEPOS, CE.net 4.0/5.0, Linux)
TouchWare (Win 95, 98, NT)
5 Years
Serial EX II 7700SC
EXII-7760UC
USB Rev 1.1
7312256 96" (2.4 m) Cable, Pearl
7315050 23" (0.58m) Cable, Pearl
1.30" x 2.55" x 0.45"
33.0 x 65.0 x 11.4 mm
USB bus
5-pin locking AMP
> 700,000 hours
± 8KV Contact, ± 27KV Air
0 to 95% non-condensing at +36ºC
-50º to +85º C
-40º to +70º C
5Vdc ± 5% 75 mA
UL/cUL, FCC-B, CE, VCCI,
AS/NZS 3548, RoHS
MT 7 (Win Vista, 2000, XP, XPe,
WEPOS, CE.net 4.0/5.0, Linux)
TouchWare (Win 95, 98, NT)
5 Years
USB EX II 7700UC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com