Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXII-7720SC Datasheet(PDF) 3 Page - 3M Electronics

Part # EXII-7720SC
Description  EX II Series Capacitive Touch System Electronics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EXII-7720SC Datasheet(HTML) 3 Page - 3M Electronics

  EXII-7720SC Datasheet HTML 1Page - 3M Electronics EXII-7720SC Datasheet HTML 2Page - 3M Electronics EXII-7720SC Datasheet HTML 3Page - 3M Electronics EXII-7720SC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EXII-ASIC-C
Serial RS-232 / USB Rev 1.1
N/A
N/A
Based on design
5-pin locking AMP
> 700,000 hours
Based on design
0 to 95% non-condensing at +36ºC
-50º to +85º C
-40º to +70º C
Based on design
UL/cUL, FCC-B, CE, VCCI, AS/NZS
3548, RoHS
MT 7 (Win Vista,2000, XP, XPe,
WEPOS, CE.net 4.0/5.0, Linux)
TouchWare (Win 95, 98, NT)
1 Year
EX II ASIC Chipset
EXII-3710SP
Serial RS-232
69-901 TouchPen Kit (includes
stylus, stylus cable, RS232 cable)
69-502 (stylus)
7311240 (stylus cable)
7311273 (RS232 cable)
4.80" X 1.35" x .32"
121.9 x 34.3 x 8.2 mm
12V through RS232 cable
6-pin Molex
> 600,000 hours
± 8KV Contact, ± 27KV Air
0 to 95% non-condensing at +36ºC
-50º to +85º C
-40º to +70º C
12Vdc ± 5% 100 mA
UL/cUL, FCC-B, CE, VCCI,
AS/NZS 3548, RoHS
MT 7 (Win Vista, 2000, XP, XPe,
WEPOS, CE.net 4.0/5.0, Linux)
TouchWare (Win 95, 98, NT)
5 Years
TouchPen System
Part Numbers
Communications Protocol
Optional Components
Dimensions
Power Connection
Touch Screen Connection
Mean Time Between
Failure (MTBF)
Electrostatic Discharge (ESD)
Relative Humidity
Storage Temperature
Operating Temperature
Power Requirements (Typical)
Regulatory
Driver Support
Warranty
Capacitive Touch System Electronics
EX II Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com