Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN100
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN100 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN100 Datasheet HTML 1Page - Diodes Incorporated DMN100 Datasheet HTML 2Page - Diodes Incorporated DMN100 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30049 Rev. 5 - 2
2 of 3
DMN100
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 1)
Drain-Source Breakdown Voltage
BVDSS
30
¾¾
V
VGS = 0V, ID = 250
mA
Zero Gate Voltage Drain Current
@ Tj = 25
°C
@Tj = 125
°C
IDSS
¾¾
1.0
10
µA
VDS = 24V, VGS = 0V
Gate-Body Leakage
IGSS
¾¾
± 100
nA
VGS =
± 12V, VDS = 0V
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
VGS(th)
1.0
¾
3.0
V
VDS = 10V, ID =1.0mA
Static Drain-Source On-Resistance
RDS (ON)
¾¾
0.170
0.240
W
VGS = 4.5V, ID = 0.5A
VGS = 10V, ID = 1.0A
Forward Transconductance
gFS
1.3
2.4
¾
S
VDS = 10V, ID =0.5A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾
150
¾
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾
90
¾
pF
Reverse Transfer Capacitance
Crss
¾
30
¾
pF
Total Gate Charge
Qg
¾
5.5
¾
nC
VDS = 24V, ID = 1.0A,
VGS = 10V
Gate-to-Source Charge
Qgs
¾
0.8
¾
nC
Gate-to-Drain Charge
Qgd
¾
1.3
¾
nC
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
¾
10
¾
ns
VDD = 10V, ID = 0.5A,
VGS = 5.0V, RGEN = 50
W
Turn-Off Delay Time
tD(OFF)
¾
25
¾
ns
Turn-On Rise Time
tr
¾
15
¾
ns
Turn-Off Fall Time
tf
¾
45
¾
ns
SOURCE- DRAIN RATINGS (BODY DIODE)
Continuous Source Current
IS
¾¾
0.54
A
¾
Pulse Source Current
ISM
¾¾
4.0
A
¾
Forward Voltage
VSD
¾¾
1.2
V
IF = 1.0A, VGS = 0V
Reverse Recovery Time
trr
¾
35
¾
ns
IF = 1.0A, di/dt = 50A/
ms
Notes:
1. Pulse width
£ 300ms, duty cycle £ 2%.
Ordering Information (Note 2)
Device
Packaging
Shipping
DMN100-7
SC-59
3000/Tape & Reel
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX X
XXX = Product Type Marking Code
X = Assembly Lot No.
[0-9, A-Z, except G, I, J, O, Q, W]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com