Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN100 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN100
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN100 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN100 Datasheet HTML 1Page - Diodes Incorporated DMN100 Datasheet HTML 2Page - Diodes Incorporated DMN100 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30049 Rev. 5 - 2
3 of 3
DMN100
0
0.5
1.0
01
2
3
4
5
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 1 On-Region Characteristics
DS
3.0V
2.5V
1.5
2.0
2.5
3.0
3.5
4.0
V = 10V
5.0V
4.5V
4.0V
3.5V
GS
0.01
0.1
1.0
0
1
2
3
4
I , DRAIN CURRENT (A)
Fig. 2 On-Resistance vs Drain Current
D
V = 4.5V
gs
V= 10V
gs
0
0.05
0.10
-50
T , JUNCTION TEMPERATURE ( C)
Fig. 3 On-Resistance vs Junction Temperature
j
°
V
= 4.5V, R
GS
DS @ 0.5A
V
= 10V, R
GS
DS @ 1.0A
0
50
150
100
0.15
0.20
0.25
0.30
0
0.5
1.0
1.5
2.0
2.5
01
V , GATE TO SOURCE VOLTAGE (V)
Fig. 4 On-Resistance vs Gate-Source Voltage
GS
V = 10V
GS
T = 25 C
A
°
3.0
3.5
23
4
5
4.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com