Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4186 Datasheet(PDF) 1 Page - NEC

Part # 2SC4186
Description  UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4186 Datasheet(HTML) 1 Page - NEC

  2SC4186 Datasheet HTML 1Page - NEC 2SC4186 Datasheet HTML 2Page - NEC 2SC4186 Datasheet HTML 3Page - NEC 2SC4186 Datasheet HTML 4Page - NEC 2SC4186 Datasheet HTML 5Page - NEC 2SC4186 Datasheet HTML 6Page - NEC 2SC4186 Datasheet HTML 7Page - NEC 2SC4186 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1996
DATA SHEET
SILICON TRANSISTOR
2SC4186
DESCRIPTION
The 2SC4186 is an NPN silicon epitaxial transistor intended for use
as a UHF oscillator and a mixer in a tuner of a TV receiver. The device
features stable oscillation and small frequency drift against any change
of the supply voltage and the ambient temperature.
It is designed for use in small type equipments especially recom-
mended for Hybrid Integrated Circuit and other applications.
FEATURES
•
High Gain Bandwidth Product
: fT = 4.0 GHz.
•
Low Collector to Base Time Constant : CC · rb’b = 4.0 ps TYP.
•
Low Output Capacitance
: Cob = 1.5 pF MAX.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCB0
25
V
Collector to Emitter Voltage
VCE0
12
V
Emitter to Base Voltage
VEB0
3.0
V
Collector Current
IC
30
mA
Total Power Dissipation
PT
160
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Characteristics
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Collector Cutoff Current
ICB0
0.1
µAVCB = 15 V, IE = 0
DC Current Gain
hFE
40
100
200
VCE = 10 V, IC = 5 mA
Collector Saturation Voltage
VCE(sat)
0.09
0.5
V
IC = 10 mA, IB = 1.0 mA
Gain Bandwidth Product
fT
2.5
4.0
GHz
VCE = 10 V, IC = 5 mA, f = 1 GHz
Output Capacitance
Cob
1.0
1.8
pF
VCB = 10 V, IE = 0, f = 1 MHz
Collector to Base Time Constant
Cc · rb’b
5.0
ps
VCE = 10 V, IE = –5 mA, f = 31.9 MHz
hFE Classifications
Rank
T62
T63
T64
Marking
T62
T63
T64
hFE
40 to 80
60 to 120
100 to 200
Document No. P11191EJ2V0DS00 (2nd edition)
Date Published February 1996 P
Printed in Japan
UHF OSCILLATOR AND UHF MIXER
NPN SILICON EPITAXIAL TRANSISTOR
MINI MOLD
PACKAGE DIMENSIONS
in millimeters
2.1 ± 0.1
1.25 ± 0.1
2
1
3
Marking
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector


Similar Part No. - 2SC4186

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4186 RENESAS-2SC4186 Datasheet
176Kb / 10P
SILICON TRANSISTOR
1996
More results

Similar Description - 2SC4186

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3545 NEC-2SC3545 Datasheet
98Kb / 8P
UHF OSCILLTOR AND MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3841 NEC-2SC3841 Datasheet
96Kb / 8P
UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4182 NEC-2SC4182 Datasheet
47Kb / 6P
UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4183 NEC-2SC4183 Datasheet
44Kb / 6P
RF AMPLIFIER FOR UHF TV TUNER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4568 NEC-2SC4568 Datasheet
51Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
logo
Renesas Technology Corp
2SC1623-T1B-A RENESAS-2SC1623-T1B-A Datasheet
229Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com