Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ES1B
Description  1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ES1B Datasheet(HTML) 1 Page - Diodes Incorporated

  ES1B Datasheet HTML 1Page - Diodes Incorporated ES1B Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Data
XXXX = Product type marking code, ex. ES1A
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
XXXX
DS14001 Rev. 8 - 2
1 of 2
ES1A - ES1G
ES1A - ES1G
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Features
·
Glass Passivated Die Construction
·
Super-Fast Recovery Time For High Efficiency
·
Low Forward Voltage Drop and High Current Capability
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automated Assembly
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
·
Case: Molded Plastic
·
Case Material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solder Plated Terminal - Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Marking: Type Number & Date Code: See Below
·
Ordering Information: See Below
·
Weight: 0.064 grams (approx.)
A
B
C
D
G
H
E
J
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
Characteristic
Symbol
ES1A
ES1B
ES1C
ES1D
ES1G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
400
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
280
V
Average Rectified Output Current
@ TT = 110
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Forward Voltage Drop
@ IF = 0.6A
@ IF = 1.0A
VFM
0.90
0.98
¾
1.25
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
200
mA
Reverse Recovery Time (Note 1)
trr
20
ns
Typical Total Capacitance (Note 2)
CT
10
pF
Typical Thermal Resistance, Junction to Terminal (Note 3)
RqJT
40
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pad as heat sink.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
*x = Device type, e.g. ES1A-13.
Marking Information
Device*
Packaging
Shipping
ES1x-13
SMA
5000/Tape & Reel
Ordering Information (Note 4)
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified


Similar Part No. - ES1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1B PANJIT-ES1B Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1B PHILIPS-ES1B Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1B PHILIPS-ES1B Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1B SURGE-ES1B Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1B TRSYS-ES1B Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ES1B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1A WTE-ES1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
DFLU1200 DIODES-DFLU1200 Datasheet
112Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30601 Rev. 2 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
ES1A DIODES-ES1A_10 Datasheet
121Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 15 - 2
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
ES1D-13-F DIODES-ES1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
MURA115 SUNMATE-MURA115 Datasheet
162Kb / 3P
1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
SF1DDF DIODES-SF1DDF Datasheet
483Kb / 5P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com