Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B360B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B360B
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360B Datasheet(HTML) 2 Page - Diodes Incorporated

  B360B Datasheet HTML 1Page - Diodes Incorporated B360B Datasheet HTML 2Page - Diodes Incorporated B360B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS13005 Rev. 12 - 2
2 of 3
B320/A/B-B360/A/B
www.diodes.com
0.1
1.0
10
0.1
0.3
0.4
0.2
0.5
0.6
0.7
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics - B320/A/B thru B340/A/B
F
T= +25 C
A
°
T= +75 C
A
°
T = +125 C
A
°
T= -25 C
A
°
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.3 Typ. Forward Characteristics - B350/A/B thru B360/A/B
F
T = +125ºC
A
T = +25ºC
A
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100°C
T
0
0.5
1.0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
1.5
2.0
2.5
3.0
100
10
1
0.1
0.01
1000
10,000
020
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.6 Typical Reverse Characteristics, B320/A/B thru B340/A/B
R
10
30
50
T= +25 C
A
°
T = +125 C
A
°
T= -25 C
A
°
T= +75 C
A
°
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig.5 Typical Capacitance
R
f=1MHz
T= 25°C
J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com