Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B360B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B360B
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360B Datasheet(HTML) 3 Page - Diodes Incorporated

  B360B Datasheet HTML 1Page - Diodes Incorporated B360B Datasheet HTML 2Page - Diodes Incorporated B360B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
XXX = Product type marking code, ex: B320 (SMC package)
BXXXX = Product type marking code, ex: B320A (SMA package)
YWW
BXXX(X)
DS13005 Rev. 12 - 2
3 of 3
B320/A/B-B360/A/B
www.diodes.com
100
10
1
0.1
1000
10,000
020
40
60
70
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.7 Typical Reverse Characteristics, B350/A/B thru B360/A/B
R
10
30
50
T= +25 C
A
°
T = +125 C
A
°
T= +70 C
A
°
Ordering Information (Note 5)
Device*
Packaging
Shipping
B3XXA-13
SMA
5000/Tape & Reel
B3XXB-13
SMB
3000/Tape & Reel
B3XX-13
SMC
3000/Tape & Reel
Notes:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
* xx = Device type, e.g. B320A-13-F (SMA package); B320B-13-F (SMB package); B320-13-F (SMC Package).
Note: Device has a cathode band (as shown above) and may also have a cathode notch (as shown on Page 1).
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com