Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4187 Datasheet(PDF) 3 Page - NEC

Part # 2SC4187
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4187 Datasheet(HTML) 3 Page - NEC

  2SC4187 Datasheet HTML 1Page - NEC 2SC4187 Datasheet HTML 2Page - NEC 2SC4187 Datasheet HTML 3Page - NEC 2SC4187 Datasheet HTML 4Page - NEC 2SC4187 Datasheet HTML 5Page - NEC 2SC4187 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC4187
3
S-PARAMETER
VCE = 1 V, IC = 1 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.952
–6.7
3.197
169.7
0.023
88.6
0.995
–4.5
200.00
0.936
–12.2
3.025
162.0
0.042
80.9
0.979
–7.9
300.00
0.881
–17.5
2.940
151.3
0.062
74.2
0.943
–12.8
400.00
0.865
–22.2
2.764
146.4
0.080
73.1
0.927
–15.0
500.00
0.839
–26.2
2.653
137.4
0.094
69.4
0.870
–17.3
600.00
0.803
–32.8
2.624
133.2
0.111
68.6
0.865
–19.6
700.00
0.741
–37.2
2.515
123.8
0.125
65.1
0.833
–20.8
800.00
0.664
–41.1
2.442
117.7
0.142
63.2
0.825
–23.9
900.00
0.620
–42.5
2.274
110.9
0.150
62.5
0.805
–25.6
1000.00
0.580
–44.0
2.150
105.1
0.162
59.4
0.772
–29.4
1100.00
0.558
–47.7
2.051
101.1
0.172
59.8
0.745
–31.3
1200.00
0.524
–50.7
1.991
96.1
0.183
57.9
0.705
–33.3
1300.00
0.472
–54.0
1.916
92.6
0.200
56.1
0.676
–34.2
1400.00
0.432
–55.4
1.833
87.5
0.201
54.8
0.648
–35.2
1500.00
0.398
–56.6
1.763
83.5
0.212
52.4
0.637
–35.8
1600.00
0.372
–58.3
1.713
80.6
0.215
54.4
0.619
–37.0
1700.00
0.343
–60.6
1.665
77.2
0.225
53.0
0.609
–39.0
1800.00
0.314
–62.6
1.651
74.9
0.242
54.0
0.589
–40.9
1900.00
0.289
–64.0
1.628
70.1
0.252
52.4
0.571
–42.5
2000.00
0.265
–65.8
1.611
65.2
0.267
49.7
0.552
–44.2
VCE = 1 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.832
–18.3
5.286
153.1
0.024
80.8
0.941
–7.2
200.00
0.702
–29.6
4.385
134.4
0.039
72.1
0.881
–10.7
300.00
0.564
–35.7
3.568
118.9
0.054
65.6
0.820
–13.9
400.00
0.488
–37.9
3.016
111.0
0.064
68.0
0.793
–13.9
500.00
0.433
–38.3
2.571
102.9
0.074
66.5
0.751
–14.0
600.00
0.385
–40.3
2.284
99.0
0.086
69.0
0.753
–14.7
700.00
0.340
–41.0
2.057
91.7
0.097
67.5
0.743
–14.7
800.00
0.296
–40.2
1.884
87.3
0.110
67.6
0.748
–16.8
900.00
0.269
–36.8
1.689
82.2
0.119
68.3
0.746
–18.0
1000.00
0.254
–34.2
1.554
78.0
0.132
66.6
0.733
–21.3
1100.00
0.243
–33.8
1.449
75.2
0.143
67.9
0.719
–23.0
1200.00
0.229
–33.8
1.378
71.3
0.154
66.6
0.693
–25.0
1300.00
0.204
–33.5
1.306
68.1
0.170
66.1
0.678
–25.9
1400.00
0.187
–30.4
1.225
64.7
0.176
65.2
0.660
–26.8
1500.00
0.175
–26.7
1.157
61.2
0.189
63.2
0.664
–27.8
1600.00
0.168
–25.1
1.116
60.1
0.196
65.0
0.654
–29.3
1700.00
0.157
–24.3
1.072
57.9
0.209
63.5
0.653
–31.9
1800.00
0.140
–22.7
1.066
56.5
0.227
64.4
0.643
–34.0
1900.00
0.129
–19.7
1.055
53.0
0.240
62.6
0.629
–36.5
2000.00
0.119
–15.5
1.051
48.7
0.257
59.5
0.616
–38.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com