Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4187 Datasheet(PDF) 1 Page - NEC

Part # 2SC4187
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4187 Datasheet(HTML) 1 Page - NEC

  2SC4187 Datasheet HTML 1Page - NEC 2SC4187 Datasheet HTML 2Page - NEC 2SC4187 Datasheet HTML 3Page - NEC 2SC4187 Datasheet HTML 4Page - NEC 2SC4187 Datasheet HTML 5Page - NEC 2SC4187 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©
1996
DATA SHEET
SILICON TRANSISTOR
2SC4187
DESCRIPTION
The 2SC4187 is designed primarily for use in low voltage and low
current application up to UHF band. The 2SC4187 is ideal for pagers,
electro-optic detector postamplifier applications, and other battery pow-
ered systems. Super mini mold package makes it suitable for use in small
type equipments such as HICs.
FEATURES
Low Noise : NF = 3.0 dB TYP. @VCE = 1 V, IC = 250
µA, f = 1.0 GHz
High Gain : |S21e|2 = 6.5 dB TYP. @VCE = 1 V, IC = 1 mA, f = 1.0 GHz
Small Package
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
8V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
5mA
Total Power Dissipation
PT
50
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Characteristic
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Collector Cutoff Current
ICBO
0.1
µAVCB = 5 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
µAVEB = 1 V, IC = 0
DC Current Gain
hFE
50
100
250
VCE = 1 V, IC = 250
µA, pulsed
Gain Bandwidth Product
fT
4.0
GHz
VCE = 1 V, IC = 1 mA, f = 1 GHz
Feedback Capacitance
Cre
0.5
0.7
pF
VCB = 1 V, IE = 0, f = 1 MHz
Insertion Power Gain
|S21e|2
4.0
6.5
dB
VCE = 1 V, IE = 1 mA, f = 1 GHz
Noise Figure
NF
3.0
4.5
dB
VCE = 1 V, IC = 250
µA, f = 1 GHz
hFE Classification
Class
R6A
R6B
R6C
Marking
R6A
R6B
R6C
hFE
50 to 100
80 to 160
125 to 250
PRECAUTION
Avoid high static voltages or electric fields so that this device would not suffer any damage due to those voltages or fields.
PACKAGE DIMENSIONS
in millimeters
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
2.1 ±0.1
1.25 ±0.1
2
1
3
Marking
1. Emitter
2. Base
3. Collector
Document No. P10370EJ3V0DS00 (3rd edition)
Date Published February 1996 P
Printed in Japan


Similar Part No. - 2SC4187

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4187 RENESAS-2SC4187 Datasheet
173Kb / 8P
SILICON TRANSISTOR
1996
More results

Similar Description - 2SC4187

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4093 NEC-2SC4093 Datasheet
70Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4094 NEC-2SC4094 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4225 NEC-2SC4225 Datasheet
41Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5192 NEC-2SC5192 Datasheet
68Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC5193 NEC-2SC5193 Datasheet
65Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094_15 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 RENESAS-2SC4095_15 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com