Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5193 Datasheet (PDF) - NEC

2SC5193 Datasheet PDF - NEC
Part # 2SC5193
Download  2SC5193 Download
File Size   65.19 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD

2SC5193 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5193 Datasheet PDF - NEC

Part # 2SC5193
Download  2SC5193 Click to download

File Size   65.19 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD

2SC5193 Datasheet (HTML) - NEC


2SC5193 Product details

FEATURES
• Low Voltage Operation, Low Phase Distortion
• Low Noise
   NF = 1.5 dB TYP. @ VCE = 3 V, IC = 7 mA, f = 2 GHz
   NF = 1.7 dB TYP. @ VCE = 1 V, IC = 3 mA, f = 2 GHz
• Large Absolute Maximum Collector Current
   IC = 100 mA
• Compact Mini Mold Package
   EIAJ: SC-70




Similar Part No. - 2SC5193

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5193 RENESAS-2SC5193 Datasheet
220Kb / 9P
NPN SILICON RF TRANSISTOR
2004
2SC5193-T1 RENESAS-2SC5193-T1 Datasheet
220Kb / 9P
NPN SILICON RF TRANSISTOR
2004
More results


Similar Description - 2SC5193

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4093 NEC-2SC4093 Datasheet
70Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4094 NEC-2SC4094 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4187 NEC-2SC4187 Datasheet
43Kb / 6P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4225 NEC-2SC4225 Datasheet
41Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC5192 NEC-2SC5192 Datasheet
68Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094_15 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 RENESAS-2SC4095_15 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com