Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5193 Datasheet(PDF) 3 Page - NEC

Part # 2SC5193
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5193 Datasheet(HTML) 3 Page - NEC

  2SC5193 Datasheet HTML 1Page - NEC 2SC5193 Datasheet HTML 2Page - NEC 2SC5193 Datasheet HTML 3Page - NEC 2SC5193 Datasheet HTML 4Page - NEC 2SC5193 Datasheet HTML 5Page - NEC 2SC5193 Datasheet HTML 6Page - NEC 2SC5193 Datasheet HTML 7Page - NEC 2SC5193 Datasheet HTML 8Page - NEC 2SC5193 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
2SC5193
TYPICAL CHARACTERISTICS (TA = 25
C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
Free Air
50
100
150
0
100
200
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Base to Emitter Voltage VBE (V)
VCE = 1 V
0.5
1
0
0.01
0.02
0.05
0.1
0.2
0.5
100
50
20
10
5
2
1
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector to Emitter Voltage VCE (V)
200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
IB = 20 A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
12
3
4
56
0
30
20
10
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Collector Current IC (mA)
VCE = 1 V
1
2
5
10 20
50 100
0.1 0.2
0.5
0
100
200
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Collector Current IC (mA)
f = 2 GHz
VCE = 1 V
12
3
5
7
10
0
5
10
INSERTION GAIN vs.
COLLECTOR CURRENT
Collector Current IC (mA)
f = 2 GHz
VCE = 1 V
12
3
5
7
10
0
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com